Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71321LA55TFG Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 71321LA55TFG
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71321LA55TFG Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 71321LA55TFG Datasheet HTML 11Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 12Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 13Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 14Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 15Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 16Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 17Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 18Page - Renesas Technology Corp 71321LA55TFG Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
6.42
71321SA/LA and 71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
17
Ordering Information
NOTES:
1. Contact your sales office for industrial temperature range availability in other speeds, packages and powers.
LEAD FINISH (SnPb) parts are Obsolete. Product Discontinuation Notice - PDN# SP-17-02
52-pin PLCC (PLG52)
64-pin TQFP (PNG64)
52-pin STQFP (PPG52)
64-pin STQFP (PPG64)
XXXX
Device Type
A
999
A
A
Power Speed Package
Process/
Temperature
Range
71321
71421
16K (2K x 8-Bit) MASTER Dual-Port SRAM w/ Interrupt
16K (2K x 8-Bit) SLAVE Dual-Port SRAM w/ Interrupt
Speed in nanoseconds
2691 drw 18
Blank
I(1)
J
PF
PP
TF
20
25
35
55
LA
SA
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
Low Power
Standard Power
Commercial Only
Industrial Only
Commercial Only
Commercial & Industrial
A
G
Green
A
Blank
8
Tube or Tray
Tape and Reel
Note that information regarding recently obsoleted parts are included in this datasheet for customer convenience.
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
71321LA20JG
PLG52
PLCC
C
71321LA20JG8
PLG52
PLCC
C
71321LA20PFG
PNG64
TQFP
C
71321LA20PFG8
PNG64
TQFP
C
71321LA20TFG
PPG64
TQFP
C
71321LA20TFG8
PPG64
TQFP
C
25
71321LA25JGI
PLG52
PLCC
I
71321LA25JGI8
PLG52
PLCC
I
71321LA25PFGI
PNG64
TQFP
I
71321LA25PFGI8
PNG64
TQFP
I
71321LA25TFGI
PPG64
TQFP
I
71321LA25TFGI8
PPG64
TQFP
I
55
71321LA55PPGI
PPG52
TQFP
I
71321LA55PPGI8
PPG52
TQFP
I
71321LA55TFG
PPG64
TQFP
C
71321LA55TFG8
PPG64
TQFP
C
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
35
71321SA35TFG
PPG64
TQFP
C
71321SA35TFG8
PPG64
TQFP
C
55
71321SA55JG
PLG52
PLCC
C
71321SA55JG8
PLG52
PLCC
C
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
71421LA20JG
PLG52
PLCC
C
71421LA20JG8
PLG52
PLCC
C
71421LA20PFG
PNG64
TQFP
C
71421LA20PFG8
PNG64
TQFP
C
25
71421LA25PFGI
PNG64
TQFP
I
71421LA25PFGI8
PNG64
TQFP
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com