Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C453EBAA Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P87C453EBAA
Description  80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C453EBAA Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P87C453EBAA Datasheet HTML 12Page - NXP Semiconductors P87C453EBAA Datasheet HTML 13Page - NXP Semiconductors P87C453EBAA Datasheet HTML 14Page - NXP Semiconductors P87C453EBAA Datasheet HTML 15Page - NXP Semiconductors P87C453EBAA Datasheet HTML 16Page - NXP Semiconductors P87C453EBAA Datasheet HTML 17Page - NXP Semiconductors P87C453EBAA Datasheet HTML 18Page - NXP Semiconductors P87C453EBAA Datasheet HTML 19Page - NXP Semiconductors P87C453EBAA Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Philips Semiconductors
Preliminary specification
83C453/87C453
80C51 8-bit microcontroller family
8K/256 OTP/ROM, expanded I/O
1998 Apr 23
16
AC ELECTRICAL CHARACTERISTICS (Continued)
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Port 6 output
tOLOH
13
ODS width
209
3tCLCL+20
ns
tFVDV
14
SEL to data out delay
85
85
ns
tOLDV
13
ODS to data out delay
80
80
ns
tOHDZ
13
ODS to data float delay
35
35
ns
tOVFV
13
ODS to AFLAG (OBF) delay
100
100
ns
tFLDV
13
PE to data out delay
120
120
ns
tOHFH
14
ODS to AFLAG (SEL) delay
100
100
ns
External Clock
tCHCX
17
High time
20
20
ns
tCLCX
17
Low time
20
20
ns
tCLCH
17
Rise time
20
20
ns
tCHCL
17
Fall time
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com