Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C749 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 87C749
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C749 Datasheet(HTML) 2 Page - NXP Semiconductors

  87C749 Datasheet HTML 1Page - NXP Semiconductors 87C749 Datasheet HTML 2Page - NXP Semiconductors 87C749 Datasheet HTML 3Page - NXP Semiconductors 87C749 Datasheet HTML 4Page - NXP Semiconductors 87C749 Datasheet HTML 5Page - NXP Semiconductors 87C749 Datasheet HTML 6Page - NXP Semiconductors 87C749 Datasheet HTML 7Page - NXP Semiconductors 87C749 Datasheet HTML 8Page - NXP Semiconductors 87C749 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Philips Semiconductors
Preliminary specification
83C749/87C749
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
2
1998 Apr 23
DESCRIPTION
The Philips 83C749/87C749 offers many of the advantages of the
80C51 architecture in a small package and at low cost.
The 8XC749 Microcontroller is fabricated with Philips high-density
CMOS technology. Philips epitaxial substrate minimizes CMOS
latch-up sensitivity.
The 8XC749 contains a 2k
× 8 ROM (83C749) EPROM (87C749), a
64
× 8 RAM, 21 I/O lines, a 16-bit auto-reload counter/timer, a
fixed-priority level interrupt structure, an on-chip oscillator, a five
channel multiplexed 8-bit A/D converter, and an 8-bit PWM output.
The EPROM version of this device, the 87C749, is available in
plastic one-time programmable (OTP) packages. Once the array
has been programmed, it is functionally equivalent to the masked
ROM 83C749. Thus, unless explicitly stated otherwise, all
references made to the 83C749 apply equally to the 87C749.
The 83C749 supports two power reduction modes of operation
referred to as the idle mode and the power-down mode.
FEATURES
• Available in erasable quartz lid or One-Time Programmable plastic
packages
• 80C51 based architecture
• Small package sizes
– 28-pin DIP
– 28-pin Shrink Small Outline Package (SSOP)
– 28-pin PLCC
• Wide oscillator frequency range: 3.5MHz to 16MHz
• Low power consumption:
– Normal operation: less than 11mA @ 5V, 12MHz
– Idle mode
– Power-down mode
• 2k × 8 ROM (83C749)
EPROM (87C749)
• 64 × 8 RAM
• 16-bit auto reloadable counter/timer
• 5-channel 8-bit A/D converter
• 8-bit PWM output/timer
• 10-bit fixed-rate timer
• Boolean processor
• CMOS and TTL compatible
• Well suited for logic replacement, consumer and industrial
applications
PART NUMBER SELECTION
ROM
EPROM1
TEMPERATURE RANGE
°C
AND PACKAGE
FREQUENCY
DRAWING
NUMBER
P83C749EBP N
P87C749EBP N
OTP
0 to +70, 28-pin Plastic Dual In-line Package
3.5 to 16MHz
SOT117-2
P83C749EBA A
P87C749EBA A
OTP
0 to +70, 28-pin Plastic Leaded Chip Carrier
3.5 to 16MHz
SOT261-3
P83C749EBD DB
P87C749EBD DB
OTP
0 to +70, 28-pin Shrink Small Outline Package
3.5 to 16MHz
SOT341-1
NOTE:
1. OTP = One Time Programmable EPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com