Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC541TTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74AC541TTR
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC541TTR Datasheet(HTML) 4 Page - STMicroelectronics

  74AC541TTR Datasheet HTML 1Page - STMicroelectronics 74AC541TTR Datasheet HTML 2Page - STMicroelectronics 74AC541TTR Datasheet HTML 3Page - STMicroelectronics 74AC541TTR Datasheet HTML 4Page - STMicroelectronics 74AC541TTR Datasheet HTML 5Page - STMicroelectronics 74AC541TTR Datasheet HTML 6Page - STMicroelectronics 74AC541TTR Datasheet HTML 7Page - STMicroelectronics 74AC541TTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAPACITIVE CHARACTERISTICS
Symbo l
Parameter
Test Con dition s
Value
Uni t
VCC
(V)
T A =25
oC
-40 to 85
oC
Mi n.
T yp.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
4
pF
COUT
Output Capacitance
5.0
8
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
21
pF
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to
Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/8 (per circuit)
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
3.3
(*)
1.5
5
8
1.5
9
ns
5.0
(**)
1.546.5
1.5
7
tPZL
tPZH
Output Enable Time
3.3
(*)
1.5
7
10.5
1.5
11.5
ns
5.0
(**)
1.5
5
8
1.5
8.5
tPLZ
tPHZ
Output Disable Time
3.3
(*)
1.5
7
10.5
1.5
11.5
ns
5.0
(**)
1.5
6
9
1.5
9.5
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
TEST CIRCUIT
T EST
SW IT CH
tPLH,tPHL
Open
tPZL,tPLZ
2VCC
tPZH,tPHZ
Open
CL = 50 pF or equivalent (includes jigand probe capacitance)
RL =R1 =500
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
74AC541
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com