Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C751 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 87C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C751 Datasheet(HTML) 3 Page - NXP Semiconductors

  87C751 Datasheet HTML 1Page - NXP Semiconductors 87C751 Datasheet HTML 2Page - NXP Semiconductors 87C751 Datasheet HTML 3Page - NXP Semiconductors 87C751 Datasheet HTML 4Page - NXP Semiconductors 87C751 Datasheet HTML 5Page - NXP Semiconductors 87C751 Datasheet HTML 6Page - NXP Semiconductors 87C751 Datasheet HTML 7Page - NXP Semiconductors 87C751 Datasheet HTML 8Page - NXP Semiconductors 87C751 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
1998 May 01
3
ORDERING INFORMATION
ROM
EPROM1
TEMPERATURE RANGE °C
AND PACKAGE
FREQUENCY
DRAWING
NUMBER
S83C751–1N24
S87C751–1N24
OTP
0 to +70, Plastic Dual In-line Package
3.5 to 12MHz
SOT222-1
S83C751–2N24
S87C751–2N24
OTP
–40 to +85, Plastic Dual In-line Package
3.5 to 12MHz
SOT222-1
S83C751–4N24
S87C751–4N24
OTP
0 to +70, Plastic Dual In-line Package
3.5 to 16MHz
SOT222-1
S83C751–5N24
S87C751–5N24
OTP
–40 to +85, Plastic Dual In-line Package
3.5 to 16MHz
SOT222-1
S83C751–1A28
S87C751–1A28
OTP
0 to +70, Plastic Leaded Chip Carrier
3.5 to 12MHz
SOT261-3
S83C751–2A28
S87C751–2A28
OTP
–40 to +85, Plastic Leaded Chip Carrier
3.5 to 12MHz
SOT261-3
S83C751–4A28
S87C751–4A28
OTP
0 to +70, Plastic Leaded Chip Carrier
3.5 to 16MHz
SOT261-3
S83C751–5A28
S87C751–5A28
OTP
–40 to +85, Plastic Leaded Chip Carrier
3.5 to 16MHz
SOT261-3
S83C751–1DB
S87C751–1DB
OTP
0 to +70, Shrink Small Outline Package
3.5 to 12MHz
SOT340-1
S83C751–4DB
S87C751–4DB
OTP
0 to +70, Shrink Small Outline Package
3.5 to 16MHz
SOT340-1
NOTE:
1. OTP = One Time Programmable EPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com