Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C752 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 87C752
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C752 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 87C752 Datasheet HTML 9Page - NXP Semiconductors 87C752 Datasheet HTML 10Page - NXP Semiconductors 87C752 Datasheet HTML 11Page - NXP Semiconductors 87C752 Datasheet HTML 12Page - NXP Semiconductors 87C752 Datasheet HTML 13Page - NXP Semiconductors 87C752 Datasheet HTML 14Page - NXP Semiconductors 87C752 Datasheet HTML 15Page - NXP Semiconductors 87C752 Datasheet HTML 16Page - NXP Semiconductors 87C752 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Philips Semiconductors
Product specification
83C752/87C752
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
13
ABSOLUTE MAXIMUM RATINGS1, 3, 4
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage from VCC to VSS
–0.5 to +6.5
V
Voltage from any pin to VSS (except VPP)
–0.5 to VCC + 0.5
V
Power dissipation
1.0
W
Voltage from VPP pin to VSS
–0.5 to + 13.0
V
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, AVCC = 5 V ±5, AVSS = 0 V4
VCC = 5 V ± 10%, VSS = 0 V
TEST
LIMITS4
SYMBOL
PARAMETER
CONDITIONS
MIN
Typical1
MAX
UNIT
ICC
Supply current (see Figure 6)
Inputs
VIL
Input low voltage, except SDA, SCL
(0 to 70
°C)
(–40 to +85
°C)
–0.5
–0.5
0.2VCC–0.1
0.2VCC–0.15
V
V
VIH
Input high voltage, except X1, RST
(0 to 70
°C)
(–40 to +85
°C)
0.2VCC+0.9
(0.2VCC+1)
VCC+0.5
VCC+0.5
V
V
VIH1
Input high voltage, X1, RST
(0 to 70
°C)
(–40 to +85
°C)
0.7VCC
0.7VCC to 0.1
VCC+0.5
VCC+0.5
V
V
SDA, SCL, P0.2
VIL1
Input low voltage
(0 to 70
°C)
(–40 to +85
°C)
–0.5
–0.5
0.3VCC
0.3VCC–0.1
V
V
VIH2
Input high voltage
(0 to 70
°C)
(–40 to –85
°C)
0.7VCC
0.7VCC+0.1
VCC+0.5
VCC+0.5
V
Outputs
VOL
Output low voltage, ports 1, 3, 0.3, and 0.4
(PWM disabled)
IOL = 1.6mA2
0.45
V
VOL1
Output low voltage, port 0.2
IOL = 3.2mA2
0.45
V
VOH
Output high voltage, ports 1, 3, 0.3, and 0.4
(PWM disabled)
IOH = –60µA,
2.4
V
IOH = –25µA
0.75VCC
V
IOH = –10µA
0.9VCC
V
IOH = –400µA
2.4
V
VOH2
Output high voltage, P0.4 (PWM enabled)
IOH = –40µA
0.9VCC
V
Port 0.0 and 0.1 (I2C) – Drivers
IOL = 3mA
(V
)
VOL2
Output low voltage
(over VCC range)
0.4
V
C
Driver, receiver combined:
Capacitance
10
pF
IIL
Logical 0 input current,
ports 1, 3, 0.3, and 0.4 (PWM disabled)11
VIN = 0.45V (0 to 70°C)
VIN = 0.45V (0 to +85°C)
–50
–75
µA
µA
ITL
Logical 1 to 0 transition current,
ports 1, 3, 0.3 and 0.411
VIN = 2V (0 to 70°C)
VIN = 2V (–40 to +85°C)
–650
–750
µA
µA
ILI
Input leakage current, port 0.0, 0.1 and 0.2
0.45 < VIN < VCC
±10
µA
RRST
Reset pull-down resistor
25
175
k
Ω
CIO
Pin capacitance
Test freq = 1 MHz,
Tamb = 25°C
10
pF
IPD
Power-down current5
VCC = 2 to 5.5V
VCC = 2 to 6.0V
(83C752)
50
µA
VPP
VPP program voltage (87C752 only)
VSS = 0V
VCC = 5V±10%
Tamb = 21°C to 27°C
12.5
13.0
V
IPP
Program current (87C752 only)
VPP = 13.0V
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com