Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C52 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P87C52
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C52 Datasheet(HTML) 2 Page - NXP Semiconductors

  P87C52 Datasheet HTML 1Page - NXP Semiconductors P87C52 Datasheet HTML 2Page - NXP Semiconductors P87C52 Datasheet HTML 3Page - NXP Semiconductors P87C52 Datasheet HTML 4Page - NXP Semiconductors P87C52 Datasheet HTML 5Page - NXP Semiconductors P87C52 Datasheet HTML 6Page - NXP Semiconductors P87C52 Datasheet HTML 7Page - NXP Semiconductors P87C52 Datasheet HTML 8Page - NXP Semiconductors P87C52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
2
1999 Jul 23
853-1687 22041
DESCRIPTION
The 87C528 single-chip 8-bit microcontroller is manufactured in an
advanced CMOS process and is a derivative of the 80C51
microcontroller family. The 87C528 has the same instruction set as
the 80C51. Three versions of the derivative exist:
• 83C528—32k bytes ROM
• 83C524—16k bytes ROM
• 80C528—ROMless version of the 83C528
• 87C528—32k bytes EPROM
• 83C524—16k bytes EPROM
This device provides architectural enhancements that make it
applicable in a variety of applications in consumer, telecom and
general control systems, especially in those systems which need
large ROM and RAM capacity on-chip.
The 87C528 contains a 32k
× 8 EPROM and the 87C524 contains a
16k x 8 EPROM. Both devices have a 512
× 8 RAM, four 8-bit I/O
ports, two 16-bit timer/event counters (identical to the timers of the
80C51), a 16-bit timer (identical to the timer 2 of the 80C52), a
watchdog timer with a separate oscillator, a multi-source,
two-priority-level, nested interrupt structure, two serial interfaces
(UART and I2C-bus), and on-chip oscillator and timing circuits.
In addition, the 87C524/87C528 has two software selectable modes
of power reduction—idle mode and power-down mode. The idle
mode freezes the CPU while allowing the RAM, timers, serial port,
and interrupt system to continue functioning. The power-down mode
saves the RAM contents but freezes the oscillator, causing all other
chip functions to be inoperative.
FEATURES
• 80C51 instruction set
– 512
× 8 RAM
– Memory addressing capability
64k ROM and 64k RAM
– Three 16-bit counter/timers
– On-chip watchdog timer with oscillator
– Full duplex UART
– I2C serial interface
• Power control modes:
– Idle mode
– Power-down mode
– Warm start from power-down
• CMOS and TTL compatible
• Extended temperature ranges
• EPROM code protection
• OTP package available
• 16 MHz speed at V
CC = 5 V
ORDERING INFORMATION
EPROM
TEMPERATURE oC RANGE
AND PACKAGE
FREQ
(MHz)
Drawing
Number
P87C528EBP N
0 to +70, Plastic Dual In-line Package
16
SOT129-1
P87C528EBA A
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
P87C528EBB B
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
P87C528EFP N
–40 to +85, Plastic Dual In-line Package
16
SOT129-1
P87C528EFB B
–40 to +85, Plastic Quad Flat Pack
16
SOT307-2
P87C524EBA A
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
P87C524EBB B
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
NOTE:
1. For ROM & ROMless devices, see data sheet P8X524/528.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com