Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87LPC764 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # 87LPC764
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC764 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button 87LPC764 Datasheet HTML 35Page - NXP Semiconductors 87LPC764 Datasheet HTML 36Page - NXP Semiconductors 87LPC764 Datasheet HTML 37Page - NXP Semiconductors 87LPC764 Datasheet HTML 38Page - NXP Semiconductors 87LPC764 Datasheet HTML 39Page - NXP Semiconductors 87LPC764 Datasheet HTML 40Page - NXP Semiconductors 87LPC764 Datasheet HTML 41Page - NXP Semiconductors 87LPC764 Datasheet HTML 42Page - NXP Semiconductors 87LPC764 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Philips Semiconductors
Preliminary data
87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2001 Oct 26
36
SU01179
80C51 INTERNAL BUS
WRITE
TO SBUF
SBUF
ZERO DETECTOR
TxD
P1.0 ALT
OUTPUT
FUNCTION
TX CONTROL
S
TX CLOCK
START
Q
CL
D
SERIAL PORT
INTERRUPT
SHIFT
SEND
LOAD
SBUF
TI
INPUT SHIFT REGISTER
START
RI
LOAD SBUF
SHIFT
RX
CLOCK
1FFH
RX CONTROL
SBUF
READ
SBUF
TRANSMIT
RxD
P1.1 ALT
INPUT
FUNCTION
80C51 INTERNAL BUS
DATA
TB8
÷16
÷16
÷2
TIMER 1
OVERFLOW
SMOD1 = 0
SMOD1
= 1
1-TO-0
TRANSITION
DETECTOR
BIT
DETECTOR
START
BIT
STOP BIT
TX CLOCK
WRITE TO SBUF
SEND
DATA
SHIFT
TxD
TI
D0
D1
D5
D2
D6
D3
D4
D7
RECEIVE
RX CLOCK
SHIFT
RI
BIT DETECTOR SAMPLE TIMES
START
BIT
STOP BIT
RxD
D0
D1
D5
D2
D6
D3
D4
D7
÷ 16 RESET
Figure 30. Serial Port Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com