Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9D30Q100F Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN9D30Q100F
Description  6-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D30Q100F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN9D30Q100F Datasheet HTML 9Page - STMicroelectronics VN9D30Q100F Datasheet HTML 10Page - STMicroelectronics VN9D30Q100F Datasheet HTML 11Page - STMicroelectronics VN9D30Q100F Datasheet HTML 12Page - STMicroelectronics VN9D30Q100F Datasheet HTML 13Page - STMicroelectronics VN9D30Q100F Datasheet HTML 14Page - STMicroelectronics VN9D30Q100F Datasheet HTML 15Page - STMicroelectronics VN9D30Q100F Datasheet HTML 16Page - STMicroelectronics VN9D30Q100F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
2.2.7
Sleep mode 2
The device is in very low consumption state for both digital and power parts. Current consumption from Digital
part is IDDstd and the current consumption on VCC is supply current in Sleep mode 2.
The digital supply voltage VDD is available (VDD > VDD_POR_ON) but SPI is not active (the read and write functions
are not possible and all registers are frozen).
CSN is inactive High state (independent of MCU).
In sleep mode 2 the following limitations must be considered:
•
The diagnostics is not available.
•
The output stages are all off.
•
Protections are inactive.
The device enters Sleep-mode-2 under one condition:
•
If from Standby mode, all direct inputs DIx are going low.
The device exits Sleep mode 2 under three conditions
•
If VDD falls below VDD_POR_ON, the device enters Reset mode.
•
If CSN is low for t > tstdby_out, the device enters Fail Safe mode.
•
If one of the inputs DIx is set to 1, the device enters Standby mode.
2.2.8
Battery undervoltage mode
This is not an operation mode but a transition step, where power supply voltage is (VCC < VUSD).
If the battery supply voltage VCC falls below the undervoltage shutdown threshold (VCC < VUSD) the device enters
Battery undervoltage mode.
The CurrentSense diagnostic is not available.
The output stages are off regardless of SPI status or DIx.
Three different cases occur, depending on the operating mode:
1.
From Normal mode and from Fail-safe mode:
In this modes the digital supply voltage VDD is available (VDD > VDD_POR_ON). The SPI is active and read/
write functions are possible. The SPI diagnostics is available. After entering to the Undervoltage mode, the
information about the undervoltage is saved in a flag (VCCUV) in the OUTSRx register, the SPI register
contents are retained. The SPI-register reading is always possible.
If VCC rises above the threshold (VUSD + VUSDhyst) the device returns to the last mode and the flag is
cleared (VCCUV).
If during this state VDD decreases to VDD < VDD_POR_OFF, the device is reset completely. The last operation
mode information is lost, the device logic part is unpowered, therefore after increasing the supply voltage to
(VCC > VUSD + VUSDhyst) the operation mode will be Reset mode.
If during this state, the DIx is changed, the operation mode is not changed and the output state is changed
accordingly after VCC recovering.
2.
From Standby and Sleep-mode-2 modes:
In this modes the digital supply voltage VDD is available (VDD > VDD_POR_ON). The SPI is not active and
the registers are frozen. The SPI diagnostics is not available. After entering to the Undervoltage mode, the
information about the undervoltage is not saved in a flag (VCCUV).
If VCC rises above the threshold (VUSD + VUSDhyst) the device returns to the last mode.
If during this state (undervoltage mode) VDD decreases to VDD < VDD_POR_OFF, the device is reset
completely. The last operation mode information is lost, the device logic part is unpowered, therefore after
increasing the supply voltage to (VCC > VUSD + VUSDhyst) the operation mode will be Reset-mode.
If during this state (under voltage mode) the DIx is changed, the operation mode is also changed. After VCC
recovering, this new operation mode is taken into account.
VN9D30Q100F
Operating modes
DS13246 - Rev 4
page 13/100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com