Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9D30Q100FTR Datasheet(PDF) 90 Page - STMicroelectronics

Part # VN9D30Q100FTR
Description  6-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D30Q100FTR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button VN9D30Q100FTR Datasheet HTML 86Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 87Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 88Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 89Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 90Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 91Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 92Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 93Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
Table 71. PCB properties
Dimension
Value
Board finish thickness
1.6 mm +/- 10%
Board dimension
129 mm x 60 mm
Board material
FR4
Cu thickness (top and bottom layers)
0.070 mm
Cu thickness (inner layers)
0.035 mm
Thermal vias separation
1.2 mm
Thermal vias diameter
0.3 mm +/- 0.08 mm
Cu thickness on vias
0.025 mm
Footprint dimension (top layer)
6 mm x 6 mm
Heatsink copper area dimension (bottom layer)
Footprint, 2 cm2 or 8 cm2
Figure 48. Rthj-amb vs PCB copper area in open box free air conditions
30
35
40
45
50
55
60
65
0
2
4
6
8
10
RTHjamb
RTHjamb OUT 0-5
RTHjamb OUT 1-2-3-4
RTHj_amb(°C/W)
PCB Cu heatsink area (cm^2)
OUT 0-5 RTHj_amb on 4Layers PCB: 22.9 °C/W
OUT 1-2-3-4 RTHj_amb on 4Layers PCB: 24.6 °C/W
VN9D30Q100F
QFN 6x6 thermal data
DS13246 - Rev 4
page 90/100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com