Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS5UD_SER Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESDXS5UD_SER
Description  Fivefold ESD protection diode arrays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXS5UD_SER Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESDXS5UD_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESDXS5UD_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PESDXS5UD_SER_2
Product data sheet
Rev. 02 — 7 December 2006
7 of 13
Nexperia
PESDxS5UD series
Fivefold ESD protection diode arrays
Fig 9.
ESD clamping test setup and waveforms
006aaa702
50
Ω
Rd
Cs
DUT
(DEVICE
UNDER
TEST)
GND
GND
450
Ω
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
Cs = 150 pF; Rd = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
GND
GND
GND
GND
GND
GND
PESD3V3S5UD
PESD5V0S5UD
PESD12VS5UD
PESD15VS5UD
PESD24VS5UD
unclamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
unclamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 10 V/div
horizontal scale = 50 ns/div
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com