Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85310I-21 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS85310I-21
Description  LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85310I-21 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS85310I-21 Datasheet HTML 1Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 2Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 3Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 4Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 5Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 6Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 7Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 8Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
85310I-21 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
2
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Number
Name
Type
Description
1V
CC
Power
Core supply pin.
2, 5
nc
Unused
No connect.
3
CLKA
Input
Pulldown Non-inverting differential clock input.
4
nCLKA
Input
Pullup
Inverting differential clock input.
6
CLKB
Input
Pulldown Non-inverting differential clock input.
7
nCLKB
Input
Pullup
Inverting differential clock input.
8V
EE
Power
Negative supply pin.
9, 16, 25, 32
V
CCO
Power
Output supply pins.
10, 11
nQB4, QB4
Output
Differential output pair. LVPECL interface levels.
12, 13
nQB3, QB3
Output
Differential output pair. LVPECL interface levels.
14, 15
nQB2, QB2
Output
Differential output pair. LVPECL interface levels.
17, 18
nQB1, QB1
Output
Differential output pair. LVPECL interface levels.
19, 20
nQB0, QB0
Output
Differential output pair. LVPECL interface levels.
21, 22
nQA4, QA4
Output
Differential output pair. LVPECL interface levels.
23, 24
nQA3, QA3
Output
Differential output pair. LVPECL interface levels.
26, 27
nQA2, QA2
Output
Differential output pair. LVPECL interface levels.
28, 29
nQA1, QA1
Output
Differential output pair. LVPECL interface levels.
30, 31
nQA0, QA0
Output
Differential output pair. LVPECL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
TABLE 3. CLOCK INPUT FUNCTION TABLE
Inputs
Outputs
Input to Output Mode
Polarity
CLKA or CLKB
nCLKA or nCLKB
QA0:QA4,
QB0:QB4
nQA0:nQA4,
nQB0:nQB4
0
1
LOW
HIGH
Differential to Differential
Non Inverting
1
0
HIGH
LOW
Differential to Differential
Non Inverting
0
Biased; NOTE 1
LOW
HIGH
Single Ended to Differential
Non Inverting
1
Biased; NOTE 1
HIGH
LOW
Single Ended to Differential
Non Inverting
Biased; NOTE 1
0
HIGH
LOW
Single Ended to Differential
Inverting
Biased; NOTE 1
1
LOW
HIGH
Single Ended to Differential
Inverting
NOTE 1: Please refer to the Application Information, “Wiring the Differential Input to Accept Single Ended Levels”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com