Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85320AMILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS85320AMILF
Description  LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85320AMILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS85320AMILF Datasheet HTML 1Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 2Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 3Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 4Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 5Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 6Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 7Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 8Page - Renesas Technology Corp ICS85320AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LVCMOS/LVTTL-TO-DIFFERENTIAL
3.3V, 2.5V LVPECL TRANSLATOR
85320 DATA SHEET
4
REVISION B 12/19/14
TABLE 4B. AC CHARACTERISTICS, V
CC
= 2.5V±5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
215
MHz
t
PD
Propagation Delay; NOTE 1
ƒ
≤ 267MHz
0.8
1.7
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
Integration Range:
12KHz - 20MHz
0.05
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
375
ps
t
R
, t
F
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
45
55
%
NOTE 1: Measured from V
CC
/2 point of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load
conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
TABLE 4A. AC CHARACTERISTICS, V
CC
= 3.3V±5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
267
MHz
t
PD
Propagation Delay; NOTE 1
ƒ
≤ 267MHz
0.8
1.4
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
Integration Range:
12KHz - 20MHz
0.05
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
275
ps
t
R
, t
F
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
45
55
%
NOTE 1: Measured from V
CC
/2 point of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load
conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com