Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85352AYILF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 85352AYILF
Description  12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85352AYILF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 85352AYILF Datasheet HTML 6Page - Renesas Technology Corp 85352AYILF Datasheet HTML 7Page - Renesas Technology Corp 85352AYILF Datasheet HTML 8Page - Renesas Technology Corp 85352AYILF Datasheet HTML 9Page - Renesas Technology Corp 85352AYILF Datasheet HTML 10Page - Renesas Technology Corp 85352AYILF Datasheet HTML 11Page - Renesas Technology Corp 85352AYILF Datasheet HTML 12Page - Renesas Technology Corp 85352AYILF Datasheet HTML 13Page - Renesas Technology Corp 85352AYILF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
©2015 Integrated Device Technology, Inc.
Revision C, December 1, 2015
85352 Datasheet
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both V
SWING and VOH must meet the VPP and
V
CMR input requirements. Figures 3A to 3F show interface examples
for the CLK/nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. Please consult
with the vendor of the driver component to confirm the driver
termination requirements. For example in Figure 3A, the input
termination applies for IDT LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 3A. CLK/nCLK Input
Driven by an IDT LVHSTL Driver
Figure 3C. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3E. CLK/nCLK Input
Driven by a 3.3V HCSL Driver
Figure 3B. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3D. CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 3F. CLK/nCLK Input Driven by a 2.5V SSTL Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input
CLK
nCLK
Differential
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
Ω
R2
120
Ω
R3
120
Ω
R4
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com