Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85408BGLF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 85408BGLF
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85408BGLF Datasheet(HTML) 5 Page - Renesas Technology Corp

  85408BGLF Datasheet HTML 1Page - Renesas Technology Corp 85408BGLF Datasheet HTML 2Page - Renesas Technology Corp 85408BGLF Datasheet HTML 3Page - Renesas Technology Corp 85408BGLF Datasheet HTML 4Page - Renesas Technology Corp 85408BGLF Datasheet HTML 5Page - Renesas Technology Corp 85408BGLF Datasheet HTML 6Page - Renesas Technology Corp 85408BGLF Datasheet HTML 7Page - Renesas Technology Corp 85408BGLF Datasheet HTML 8Page - Renesas Technology Corp 85408BGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK
5
Rev C 1/5/15
85408 DATA SHEET
Table 4D. LVDS DC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
Table 5. AC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: All parameters measured at f
622MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential crossing
point of the input to the differential output crossing point.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 5: These parameters are guaranteed by characterization. Not tested in production.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
RL = 100
250
400
600
mV
V
OD
VOD Magnitude Change
RL = 100
50
mV
VOS
Offset Voltage
RL = 100
1.125
1.4
1.6
V
V
OS
VOS Magnitude Change
RL = 100
50
mV
IOz
High Impedance Leakage
-10
+10
µA
IOFF
Power Off Leakage
-1
+1
µA
IOSD
Differential Output Short
Circuit Current
-5.5
mA
IOS/IOSB
Output Short Circuit Current
-12
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
700
MHz
tPD
Propagation Delay; NOTE 1
1.6
2.4
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter
Section
156.25MHz,
Integration Range: (12kHz – 20MHz)
167
fs
tsk(o)
Output Skew; NOTE 2, 4
50
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
550
ps
tR / tF
Output Rise/Fall Time
20% to 80%
50
600
ps
odc
Output Duty Cycle
45
55
%
tPZL, tPZH Output Enable Time; NOTE 5
5ns
tPLZ, tPHZ Output Disable Time; NOTE 5
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com