Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87993AYILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 87993AYILF
Description  1-to-5 Differential-to-3.3V LVPECL PLL Clock Driver W/Dynamic Clock Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87993AYILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  87993AYILF Datasheet HTML 1Page - Renesas Technology Corp 87993AYILF Datasheet HTML 2Page - Renesas Technology Corp 87993AYILF Datasheet HTML 3Page - Renesas Technology Corp 87993AYILF Datasheet HTML 4Page - Renesas Technology Corp 87993AYILF Datasheet HTML 5Page - Renesas Technology Corp 87993AYILF Datasheet HTML 6Page - Renesas Technology Corp 87993AYILF Datasheet HTML 7Page - Renesas Technology Corp 87993AYILF Datasheet HTML 8Page - Renesas Technology Corp 87993AYILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
87993I DATA SHEET
2
REVISION C 2/18/15
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1
nMR
Input
Pullup
Active LOW Master Reset. When logic LOW, the internal dividers are
reset causing the true outputs Qx to go low and the inverted outputs nQx
to go high. When logic HIGH, the internal dividers and the outputs are
enabled. LVCMOS / LVTTL interface levels.
2
nALARM_RESET
Input
Pullup
When LOW, resets the input bad flags and aligns CLK_SELECTED with
SEL_CLK. LVCMOS / LVTTL interface levels.
3
CLK0
Input
Pulldown Non-inverting differential clock input.
4
nCLK0
Input
Pullup
Inverting differential clock input.
5
SEL_CLK
Input
Pulldown
Clock select input. When LOW, selects CLK0, nCLK0 inputs. When
HIGH, selects CLK1, nCLK1 inputs. LVCMOS / LVTTL interface levels.
6
CLK1
Input
Pulldown Non-inverting differential clock input.
7
nCLK1
Input
Pullup
Inverting differential clock input.
8, 9, 12
V
EE
Power
Negative supply pins.
10
EXT_FB
Input
Pulldown Differential external feedback.
11
nEXT_FB
Input
Pullup
Differential external feedback.
13
CLK_SELECTED
Output
LOW, when CLK0, nCLK0 is selected, HIGH, when CLK1, nCLK1
is selected. LVCMOS / LVTTL interface levels.
14
INP1BAD
Output
Indicates detection of a bad input reference clock 1 with respect to the
feedback signal. The output is active HIGH and will remain HIGH until the
alarm reset is asserted.
15
INP0BAD
Output
Indicates detection of a bad input reference clock 0 with respect to the
feedback signal. The output is active HIGH and will remain HIGH until the
alarm reset is asserted.
16, 17, 24,
29
V
CC
Power
Core supply pins.
18, 19
nQB2, QB2
Output
Differential output pair. LVPECL interface levels.
20, 21
nQB1, QB1
Output
Differential output pair. LVPECL interface levels.
22, 23
nQB0, QB0
Output
Differential output pair. LVPECL interface levels.
25, 26
nQA1, QA1
Output
Differential output pair. LVPECL interface levels.
27, 28
nQA0, QA0
Output
Differential output pair. LVPECL interface levels.
30
V
CCA
Power
Analog supply pin.
31
MAN_OVERRIDE
Input
Pulldown
Manual override. When HIGH, disables internal clock switch circuitry.
LVCMOS / LVTTL interface levels.
32
PLL_SEL
Input
Pullup
Selects between the PLL and reference clock as the input to the dividers.
When LOW, selects reference clock.When HIGH, selects PLL.
LVCMOS / LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
K
Ω
R
PULLDOWN
Input Pulldown Resistor
51
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com