Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA1F4Z Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BA1F4Z
Description  COMPOUND TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BA1F4Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  BA1F4Z Datasheet HTML 1Page - Renesas Technology Corp BA1F4Z Datasheet HTML 2Page - Renesas Technology Corp BA1F4Z Datasheet HTML 3Page - Renesas Technology Corp BA1F4Z Datasheet HTML 4Page - Renesas Technology Corp BA1F4Z Datasheet HTML 5Page - Renesas Technology Corp BA1F4Z Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1998
©
Document No. D16174EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
BA1F4Z
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
On-chip bias resistor
(R1 = 22 k
Ω)
•
Complementary transistor with BN1F4Z
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
5V
Collector current (DC)
IC(DC)
100
mA
Collector current (Pulse)
IC(pulse) *
200
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 5.0 V, IC = 5.0 mA
135
330
600
−
DC current gain
hFE2 **
VCE = 5.0 V, IC = 50 mA
100
290
−
Collector saturation voltage
VCE(sat) **
IC = 5.0 mA, IB = 0.25 mA
0.04
0.2
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
0.55
0.5
V
High level input voltage
VIH **
VCE = 0.2 V, IC = 5.0 mA
3.0
1.05
V
Input resistance
R1
15.4
22
28.6
k
Ω
Turn-on time
ton
0.2
µs
Storage time
tstg
5.0
µs
Turn-off time
toff
VCC = 5.0 V, RL = 1.0 k
Ω
VI = 5.0 V, PW = 2.0
µs
duty cycle
≤2 %
6.0
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2 %
hFE CLASSIFICATION
Marking
Q
P
K
hFE1
135 to 270
200 to 400
300 to 600



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com