Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC762FD Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P87LPC762FD
Description  Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC762FD Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P87LPC762FD Datasheet HTML 21Page - NXP Semiconductors P87LPC762FD Datasheet HTML 22Page - NXP Semiconductors P87LPC762FD Datasheet HTML 23Page - NXP Semiconductors P87LPC762FD Datasheet HTML 24Page - NXP Semiconductors P87LPC762FD Datasheet HTML 25Page - NXP Semiconductors P87LPC762FD Datasheet HTML 26Page - NXP Semiconductors P87LPC762FD Datasheet HTML 27Page - NXP Semiconductors P87LPC762FD Datasheet HTML 28Page - NXP Semiconductors P87LPC762FD Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Philips Semiconductors
Preliminary data
87LPC762
Low power, low price, low pin count (20 pin)
microcontroller with 2 kbyte OTP
2001 Oct 26
22
Oscillator
The 87LPC762 provides several user selectable oscillator options,
allowing optimization for a range of needs from high precision to
lowest possible cost. These are configured when the EPROM is
programmed. Basic oscillator types that are supported include: low,
medium, and high speed crystals, covering a range from 20 kHz to
20 MHz; ceramic resonators; and on-chip RC oscillator.
Low Frequency Oscillator Option
This option supports an external crystal in the range of 20 kHz to 100 kHz.
Table 5 shows capacitor values that may be used with a quartz crystal in this mode.
Table 5. Recommended oscillator capacitors for use with the low frequency oscillator option
Oscillator
VDD = 2.7 to 4.5 V
VDD = 4.5 to 6.0 V
Frequency
Lower Limit
Optimal Value
Upper Limit
Lower Limit
Optimal Value
Upper Limit
20 kHz
15 pF
15 pF
33 pF
33 pF
33 pF
47 pF
32 kHz
15 pF
15 pF
33 pF
33 pF
33 pF
47 pF
100 kHz
15 pF
15 pF
33 pF
15 pF
15 pF
33 pF
Medium Frequency Oscillator Option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic resonators are also supported in this configuration.
Table 6 shows capacitor values that may be used with a quartz crystal in this mode.
Table 6. Recommended oscillator capacitors for use with the medium frequency oscillator option
Oscillator Freq ency
VDD = 2.7 to 4.5 V
Oscillator Frequency
Lower Limit
Optimal Value
Upper Limit
100 kHz
33 pF
33 pF
47 pF
1 MHz
15 pF
15 pF
33 pF
4 MHz
15 pF
15 pF
33 pF
High Frequency Oscillator Option
This option supports an external crystal in the range of 4 to 20 MHz. Ceramic resonators are also supported in this configuration.
Table 7 shows capacitor values that may be used with a quartz crystal in this mode.
Table 7. Recommended oscillator capacitors for use with the high frequency oscillator option
Oscillator
VDD = 2.7 to 4.5 V
VDD = 4.5 to 6.0 V
Frequency
Lower Limit
Optimal Value
Upper Limit
Lower Limit
Optimal Value
Upper Limit
4 MHz
15 pF
33 pF
47 pF
15 pF
33 pF
68 pF
8 MHz
15 pF
15 pF
33 pF
15 pF
33 pF
47 pF
16 MHz
–
–
–
15 pF
15 pF
33 pF
20 MHz
–
–
–
15 pF
15 pF
33 pF
On-Chip RC Oscillator Option
The on-chip RC oscillator option has a typical frequency of 6 MHz
and can be divided down for slower operation through the use of the
DIVM register. Note that some devices have 10% tolerance and
others 25% tolerance at this time. For on-chip oscillator tolerance
see Electrical Characteristics table. A clock output on the X2/P2.0
pin may be enabled when the on-chip RC oscillator is used.
External Clock Input Option
In this configuration, the processor clock is input from an external
source driving the X1/P2.1 pin. The rate may be from 0 Hz up to
20 MHz when VDD is above 4.5 V and up to 10 MHz when VDD is
below 4.5 V. When the external clock input mode is used, the X2/P2.0
pin may be used as a standard port pin. A clock output on the X2/P2.0
pin may be enabled when the external clock input is used.
Clock Output
The 87LPC762 supports a clock output function when either the
on-chip RC oscillator or external clock input options are selected.
This allows external devices to synchronize to the 87LPC762. When
enabled, via the ENCLK bit in the P2M1 register, the clock output
appears on the X2/CLKOUT pin whenever the on-chip oscillator is
running, including in Idle mode. The frequency of the clock output is
1/6 of the CPU clock rate. If the clock output is not needed in Idle
mode, it may be turned off prior to entering Idle, saving additional
power. The clock output may also be enabled when the external
clock input option is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com