Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC01 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # AC01
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC01 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button AC01 Datasheet HTML 16Page - NXP Semiconductors AC01 Datasheet HTML 17Page - NXP Semiconductors AC01 Datasheet HTML 18Page - NXP Semiconductors AC01 Datasheet HTML 19Page - NXP Semiconductors AC01 Datasheet HTML 20Page - NXP Semiconductors AC01 Datasheet HTML 21Page - NXP Semiconductors AC01 Datasheet HTML 22Page - NXP Semiconductors AC01 Datasheet HTML 23Page - NXP Semiconductors AC01 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
2000 Oct 20
20
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
Fig.33 Lead length as a function of the dissipation
with the temperature rise at the end of the
lead (soldering spot) as a parameter.
20
25
10
05
10
MGB736
20
15
15
P (W)
lead
length
(mm)
50 K
60 K
70 K
∆T = 40 K
AC15
Fig.34 Lead length as a function of the dissipation
with the temperature rise at the end of the
lead (soldering spot) as a parameter.
20
25
10
05
10
MGB737
20
15
15
P (W)
lead
length
(mm)
50 K
60 K
70 K
∆T = 40 K
AC20
MOUNTING
The resistor is suitable for processing on cutting and bending machines. Ensure that the temperature rise of the resistor
body does not affect nearby components or materials by conducted or convected heat. Figure 26 shows the hot-spot
temperature rise of the resistor body as a function of dissipated power. Figures 27 to 34 show the lead length as a function
of dissipated power and temperature rise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com