Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC762 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P87LPC762
Description  Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC762 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P87LPC762 Datasheet HTML 15Page - NXP Semiconductors P87LPC762 Datasheet HTML 16Page - NXP Semiconductors P87LPC762 Datasheet HTML 17Page - NXP Semiconductors P87LPC762 Datasheet HTML 18Page - NXP Semiconductors P87LPC762 Datasheet HTML 19Page - NXP Semiconductors P87LPC762 Datasheet HTML 20Page - NXP Semiconductors P87LPC762 Datasheet HTML 21Page - NXP Semiconductors P87LPC762 Datasheet HTML 22Page - NXP Semiconductors P87LPC762 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
Philips Semiconductors
Preliminary data
87LPC762
Low power, low price, low pin count (20 pin)
microcontroller with 2 kbyte OTP
2001 Oct 26
16
Table 1. Interaction of TIRUN with SLAVEN, MASTRQ, and MASTER
SLAVEN,
MASTRQ,
MASTER
TIRUN
OPERATING MODE
All 0
0
The I2C interface is disabled. Timer I is cleared and does not run. This is the state assumed after a reset. If an I2C
application wants to ignore the I2C at certain times, it should write SLAVEN, MASTRQ, and TIRUN all to zero.
All 0
1
The I2C interface is disabled.
Any or all 1
0
The I2C interface is enabled. The 3 low-order bits of Timer I run for min-time generation, but the hi-order bits do
not, so that there is no checking for I2C being “hung.” This configuration can be used for very slow I2C operation.
Any or all 1
1
The I2C interface is enabled. Timer I runs during frames on the I2C, and is cleared by transitions on SCL, and by
Start and Stop conditions. This is the normal state for I2C operation.
Table 2. CT1, CT0 Values
CT1, CT0
Min Time Count
(Machine Cycles)
CPU Clock Max
(for 100 kHz I2C)
Timeout Period
(Machine Cycles)
1 0
7
8.4 MHz
1023
0 1
6
7.2 MHz
1022
0 0
5
6.0 MHz
1021
1 1
4
4.8 MHz
1020
Interrupts
The 87LPC762 uses a four priority level interrupt structure. This
allows great flexibility in controlling the handling of the 87LPC762’s many
interrupt sources. The 87LPC762 supports up to 12 interrupt sources.
Each interrupt source can be individually enabled or disabled by
setting or clearing a bit in registers IEN0 or IEN1. The IEN0
register also contains a global disable bit, EA, which disables all
interrupts at once.
Each interrupt source can be individually programmed to one of four
priority levels by setting or clearing bits in the IP0, IP0H, IP1, and
IP1H registers. An interrupt service routine in progress can be
interrupted by a higher priority interrupt, but not by another interrupt
of the same or lower priority. The highest priority interrupt service
cannot be interrupted by any other interrupt source. So, if two
requests of different priority levels are received simultaneously, the
request of higher priority level is serviced.
If requests of the same priority level are received simultaneously, an
internal polling sequence determines which request is serviced. This
is called the arbitration ranking. Note that the arbitration ranking is
only used to resolve simultaneous requests of the same priority level.
Table 3 summarizes the interrupt sources, flag bits, vector
addresses, enable bits, priority bits, arbitration ranking, and whether
each interrupt may wake up the CPU from Power Down mode.
Table 3. Summary of Interrupts
Description
Interrupt
Flag Bit(s)
Vector
Address
Interrupt
Enable Bit(s)
Interrupt
Priority
Arbitration
Ranking
Power Down
Wakeup
External Interrupt 0
IE0
0003h
EX0 (IEN0.0)
IP0H.0, IP0.0
1 (highest)
Yes
Timer 0 Interrupt
TF0
000Bh
ET0 (IEN0.1)
IP0H.1, IP0.1
4
No
External Interrupt 1
IE1
0013h
EX1 (IEN0.2)
IP0H.2, IP0.2
6
Yes
Timer 1 Interrupt
TF1
001Bh
ET1 (IEN0.3)
IP0H.3, IP0.3
9
No
Serial Port Tx and Rx
TI & RI
0023h
ES (IEN0.4)
IP0H.4, IP0.4
11
No
Brownout Detect
BOD
002Bh
EBO (IEN0.5)
IP0H.5, IP0.5
2
Yes
I2C Interrupt
ATN
0033h
EI2 (IEN1.0)
IP1H.0, IP1.0
5
No
KBI Interrupt
KBF
003Bh
EKB (IEN1.1)
IP1H.1, IP1.1
7
Yes
Comparator 2 interrupt
CMF2
0043h
EC2 (IEN1.2)
IP1H.2, IP1.2
10
Yes
Watchdog Timer
WDOVF
0053h
EWD (IEN0.6)
IP0H.6, IP0.6
3
Yes
Comparator 1 interrupt
CMF1
0063h
EC1 (IEN1.5)
IP1H.5, IP1.5
8
Yes
Timer I interrupt
–
0073h
ETI (IEN1.7)
IP1H.7, IP1.7
12 (lowest)
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com