Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMSNF02 Datasheet(PDF) 1 Page - Belden Inc.

Part # GMSNF02
Description  Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GMSNF02 Datasheet(HTML) 1 Page - Belden Inc.

  GMSNF02 Datasheet HTML 1Page - Belden Inc. GMSNF02 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GMSNF02
Outdoor OFC CLT (jelly filled): GLASS YARNS + PUR with 1 Tube of Ø3.3mm
2f SM OS2 G.657.A2.
Product Description
Outdoor (PUR jacket) optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member and polyurethane outer jacket. Existing out
of 1 Tube with a diameter of 3.3mm with 2 fibers SM OS2 G.657.A2.
Technical Specifications
Product Overview
Construction Type:
Central Loose Tube
Environmental Space:
Indoor/Outdoor
Suitable Applications:
For outdoor and indoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For outdoor and
indoor use in networks for industrial, telecom, cable TV and/or broadcast. Easy to install in ducts, tunnels and/or tubes.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
Subunit Color
OS2
G.657A2
2
TIA coding (Gxxxxxx.T): Natural
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Cable Core Water Tight:
Yes
Cable Core
Waterblocking:
Waterblocking Glass Yarns + Tape
Bulk Cable Weight:
40 kg/km
SubUnit Specifications
Number of Active
Subunits:
1
Number of Subunit
Positions:
1
Fibers Per Subunit:
2
Subunit Diameter:
3.3 mm
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
PUR - Polyurethane 6.3 mm
No
Optical Characteristics
Max. Attenuation at 1310
nm:
0.40 dB/km
Max. Attenuation at 1550
nm:
0.30 dB/km


Similar Part No. - GMSNF02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMSNF04 BELDEN-GMSNF04 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
01-20-2023
GMSNF06 BELDEN-GMSNF06 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
01-20-2023
GMSNF08 BELDEN-GMSNF08 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
01-20-2023
More results

Similar Description - GMSNF02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNF02 BELDEN-GOCNF02 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GORNF02 BELDEN-GORNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF02 BELDEN-GOSNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GMSNF04 BELDEN-GMSNF04 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
01-20-2023
GMSNF06 BELDEN-GMSNF06 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
01-20-2023
GMSNF08 BELDEN-GMSNF08 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
01-20-2023
GMSNF12 BELDEN-GMSNF12 Datasheet
152Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 12f SM OS2 G.657.A2.
01-20-2023
GMSNF16 BELDEN-GMSNF16 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 16f SM OS2 G.657.A2.
01-20-2023
GMSNF24 BELDEN-GMSNF24 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 24f SM OS2 G.657.A2.
01-20-2023
GMSNI02 BELDEN-GMSNI02 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PUR with 1 Tube of Ø3.3mm 2f SM OS2 G.657.B3.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com