Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM801 Datasheet(PDF) 1 Page - CUI Devices

Part # CDM801
Description  M8 CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CDM801 Datasheet(HTML) 1 Page - CUI Devices

  CDM801 Datasheet HTML 1Page - CUI Devices CDM801 Datasheet HTML 2Page - CUI Devices CDM801 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
SERIES: CDM801 | DESCRIPTION: M8 CONNECTOR
cuidevices.com
FEATURES
• M8 male connector
• A & B code versions
• panel mount
• IP67
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
3 & 4 pole models
5, 6, & 8 pole models
60
30
V
V
rated current
3, 4, & 5 pole models
6 & 8 pole models
3
1.5
A
A
withstanding voltage
for 1 minute
1,500
Vac
contact resistance
10
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
insertion/withdrawal force
0.3
1.5
kgf
operating temperature
-25
80
°C
life
100
cycles
safety approvals
compliant with IEC61076-2-104
flammability rating
see material table
RoHS
yes
IP level
IP67 (in mated condition)
packaging
tray QTY: 80 pcs per tray
carton size: 270 x 215 x 107 mm
carton QTY: 1,680 pcs per carton
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
260
280
300
°C
PART NUMBER KEY
Base Number
CDM801 - XXX - MP - F810 - 67
No. of Poles:
03A = 3 (A-Coding)
04A = 4 (A-Coding)
05B = 5 (B-Coding)
06A = 6 (A-Coding)
08A = 8 (A-Coding)
Additional Resources: Product Page


Similar Part No. - CDM801

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM801 CUI-CDM801 Datasheet
382Kb / 3P
M8 CONNECTOR
07/19/2022
CDM801-03A-MP-F810-67 CUI-CDM801-03A-MP-F810-67 Datasheet
382Kb / 3P
M8 CONNECTOR
07/19/2022
CDM801-04A-MP-F810-67 CUI-CDM801-04A-MP-F810-67 Datasheet
382Kb / 3P
M8 CONNECTOR
07/19/2022
CDM801-05B-MP-F810-67 CUI-CDM801-05B-MP-F810-67 Datasheet
382Kb / 3P
M8 CONNECTOR
07/19/2022
CDM801-06A-MP-F810-67 CUI-CDM801-06A-MP-F810-67 Datasheet
382Kb / 3P
M8 CONNECTOR
07/19/2022
More results

Similar Description - CDM801

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM801 CUI-CDM801 Datasheet
382Kb / 3P
M8 CONNECTOR
07/19/2022
CDM802 CUI-CDM802 Datasheet
393Kb / 3P
M8 CONNECTOR
07/19/2022
CDM808 CUI-CDM808 Datasheet
316Kb / 3P
M8 CONNECTOR
07/20/2022
CDM810 CUI-CDM810 Datasheet
366Kb / 3P
M8 CONNECTOR
07/20/2022
CDM811 CUI-CDM811 Datasheet
370Kb / 3P
M8 CONNECTOR
07/19/2022
CDM813 CUI-CDM813 Datasheet
375Kb / 3P
M8 CONNECTOR
07/19/2022
CDM814 CUI-CDM814 Datasheet
360Kb / 3P
M8 CONNECTOR
07/19/2022
logo
CUI Devices
CDM803 CUID-CDM803 Datasheet
363Kb / 3P
M8 CONNECTOR
08/05/2022
CDM804 CUID-CDM804 Datasheet
357Kb / 3P
M8 CONNECTOR
08/05/2022
CDM809 CUID-CDM809 Datasheet
354Kb / 3P
M8 CONNECTOR
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com