Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AB.SA.DC.0 Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # 2AB.SA.DC.0
Description  High Precision - Diamond Tip Tweezers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

2AB.SA.DC.0 Datasheet(HTML) 1 Page - IDEAL-TEK SA

  2AB.SA.DC.0 Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ideal-tek.com
Product Datasheet
Product code:
2AB.SA.DC.0
Product type:
High Precision - Diamond Tip Tweezers
Made in:
Switzerland
Description:
Type 2AB high precision tweezers are suitable to delicate applications which require
holding a flat component firmly.The curved geometry provides maximum visibility and
increased ergonomics.The Diamond coating provides the tips with a smooth surface
along with extremely high wear and abrasion resistance.
Tip description:
curved, fine, round, flat, superior finish
Tip coating:
Diamond coated
Body material:
Anti-Magnetic Anti-Acid Stainless Steel
Picture:
Tweezer dimensions:
OAL
118.0 mm
– 4.646 inch
Width
10.0 mm
– 0.394 inch
Height
11.0 mm
– 0.433 inch
Tip details:
Tip dimensions:
A (tip thickness)
0.10 mm
– 0.004 inch
B (tip width)
1.50 mm
– 0.059 inch


Similar Part No. - 2AB.SA.DC.0

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
2AB.SA.DR IDEAL-TEK-2AB.SA.DR Datasheet
453Kb / 2P
ESD Rubber Grip Tweezers
More results

Similar Description - 2AB.SA.DC.0

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
0.SA.DC.0 IDEAL-TEK-0.SA.DC.0 Datasheet
519Kb / 1P
High Precision - Diamond Tip Tweezers
1.SA.DC.0 IDEAL-TEK-1.SA.DC.0 Datasheet
518Kb / 1P
High Precision - Diamond Tip Tweezers
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
3.SA.DC.0 IDEAL-TEK-3.SA.DC.0 Datasheet
521Kb / 1P
High Precision - Diamond Tip Tweezers
4.SA.DC.0 IDEAL-TEK-4.SA.DC.0 Datasheet
505Kb / 1P
High Precision - Diamond Tip Tweezers
51S.SA.DC.0 IDEAL-TEK-51S.SA.DC.0 Datasheet
515Kb / 1P
High Precision - Diamond Tip Tweezers
5B.SA.DC.0 IDEAL-TEK-5B.SA.DC.0 Datasheet
516Kb / 1P
High Precision - Diamond Tip Tweezers
SS.SA.DC.0 IDEAL-TEK-SS.SA.DC.0 Datasheet
514Kb / 1P
High Precision - Diamond Tip Tweezers
SS6.SA.DC.0 IDEAL-TEK-SS6.SA.DC.0 Datasheet
519Kb / 1P
High Precision - Diamond Tip Tweezers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com