Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114TM Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTC114TM
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114TM Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC114TM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
Rev. 08 — 9 February 2006
Product data sheet
Table 1:
Product overview
Type number
Package
PNP complement
Philips
JEITA
JEDEC
PDTC114TE
SOT416
SC-75
-
PDTA114TE
PDTC114TK
SOT346
SC-59A
TO-236
PDTA114TK
PDTC114TM
SOT883
SC-101
-
PDTA114TM
PDTC114TS [1]
SOT54
SC-43A
TO-92
PDTA114TS
PDTC114TT
SOT23
-
TO-236AB
PDTA114TT
PDTC114TU
SOT323
SC-70
-
PDTA114TU
s Built-in bias resistors
s Reduces component count
s Simplifies circuit design
s Reduces pick and place costs
s 100 mA output current capability
s Digital applications
s Cost-saving alternative for BC847 series
in digital applications
s Controlling IC inputs
s Switching loads
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
Ω


Similar Part No. - PDTC114TM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114TM PHILIPS-PDTC114TM Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PDTC114TM NXP-PDTC114TM Datasheet
88Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
logo
Nexperia B.V. All right...
PDTC114TM NEXPERIA-PDTC114TM Datasheet
587Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114TM NEXPERIA-PDTC114TM Datasheet
202Kb / 12P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
PDTC114TMB NEXPERIA-PDTC114TMB Datasheet
617Kb / 12P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = open
More results

Similar Description - PDTC114TM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA114T NXP-PDTA114T Datasheet
88Kb / 11P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PDTC114TT-215 NXP-PDTC114TT-215 Datasheet
88Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PDTC114T NEXPERIA-PDTC114T Datasheet
587Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
PDTA114T_SER NEXPERIA-PDTA114T_SER Datasheet
202Kb / 12P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com