Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56652UM/AD Datasheet(PDF) 49 Page - NXP Semiconductors

Part # DSP56652UM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56652UM/AD Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button DSP56652UM/AD Datasheet HTML 45Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 46Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 47Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 48Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 49Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 50Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 51Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 52Page - NXP Semiconductors DSP56652UM/AD Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Specifications
RESET, Mode Select, and Interrupt Timing
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
2-7
Figure 2-2
Operating Mode Select Timing
9
Minimum edge-triggered INTn width high
—
TBD
—
ns
10
Minimum edge-triggered INTn width low
—
TBD
—
ns
Figure 2-1
Reset Timing
Table 2-9
Reset, Mode Select, and Interrupt Timing (Continued)
Num
Characteristics
Expression
MCU @16.8
MHz DSP
@58.8 MHz
Unit
Min
Max
RESET_IN
RESET_OUT
All Pins
Reset Value
2
1
3
4
RESET_OUT
MOD
5
6
AA1680
AA1679
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com