Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC143EQB Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTC143EQB
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EQB Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTC143EQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Nexperia
PDTC143/114/124/144EQB series
50 V, 100 mA NPN resistor-equipped transistors
11. Test information
Resistor calculation
• Calculation of bias resistor 1 (R1)
• Calculation of bias resistor ratio (R2/R1)
R1
R2
GND
II1; II2
n.c.
II3; II4
aaa-020082
Fig. 29. Resistor test circuit
Resistor test conditions
Table 9. Resistor test conditions
Test conditions
Type number
R1 (kΩ)
R2 (kΩ)
II1
II2
II3
II4
PDTC143EQB
4.7
4.7
600 μA
700 μA
-600 μA
-700 μA
PDTC114EQB
10
10
350 μA
450 μA
-350 μA
-450 μA
PDTC124EQB
22
22
150 μA
230 μA
-150 μA
-230 μA
PDTC144EQB
47
47
55 μA
105 μA
-55 μA
-105 μA
PDTC143_114_124_144EQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
13 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com