Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC143XM Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PDTC143XM
Description  NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143XM Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PDTC143XM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC143XM Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PDTC143X_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 11 — 9 December 2011
10 of 17
NXP Semiconductors
PDTC143X series
NPN resistor-equipped transistors; R1 = 4.7 k
, R2 = 10 k
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 12. Package outline PDTC143XE (SOT416/SC-75)
Fig 13. Package outline PDTC143XM (SOT883/SC-101)
Fig 14. Package outline PDTC143XT (SOT23)
Fig 15. Package outline PDTC143XU (SOT323/SC-70)
04-11-04
Dimensions in mm
0.95
0.60
1.8
1.4
1.75
1.45
0.9
0.7
0.25
0.10
1
0.30
0.15
12
3
0.45
0.15
03-04-03
Dimensions in mm
0.62
0.55
0.55
0.47
0.50
0.46
0.65
0.20
0.12
3
21
0.30
0.22
0.30
0.22
1.02
0.95
0.35
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
5000
10000
PDTC143XE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTC143XM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
PDTC143XT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
PDTC143XU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com