Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC143Z Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PDTC143Z
Description  NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143Z Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDTC143Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTC143Z_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 5 December 2011
4 of 17
Nexperia
PDTC143Z series
NPN resistor-equipped transistors; R1 = 4.7 k
, R2 = 47 k
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 70
m copper strip line, standard footprint.
(1) SOT23; FR4 PCB, standard footprint
SOT883; FR4 PCB with 70
m copper strip line, standard footprint
(2) SOT323; FR4 PCB, standard footprint
(3) SOT416; FR4 PCB, standard footprint
Fig 1.
Power derating curves
Tamb (°C)
-75
175
125
25
75
-25
006aac778
100
200
300
Ptot
(mW)
0
(1)
(2)
(3)
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
PDTC143ZE (SOT416)
[1][2] --
830
K/W
PDTC143ZM (SOT883)
[2][3] --
500
K/W
PDTC143ZT (SOT23)
[1] --
500
K/W
PDTC143ZU (SOT323)
[1] --
625
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com