Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB10 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUMB10
Description  PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMB10 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUMB10 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.
Product profile
1.1 General description
PNP/PNP Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic
packages.
1.2 Features and benefits
1.3 Applications
 Low current peripheral driver
 Control of IC inputs
 Replaces general-purpose transistors in digital applications
1.4 Quick reference data
PEMB10; PUMB10
PNP/PNP resistor-equipped transistors;
R1 = 2.2 k
, R2 = 47 k
Rev. 3 — 3 January 2012
Product data sheet
Table 1.
Product overview
Type number
Package
NPN/PNP
complement
NPN/NPN
complement
Package
configuration
NXP
JEITA
PEMB10
SOT666
-
PEMD10
PEMH10
ultra small and flat lead
PUMB10
SOT363
SC-88
PUMD10
PUMH10
very small
 100 mA output current capability
 Reduces component count
 Built-in bias resistors
 Reduces pick and place costs
 Simplifies circuit design
 AEC-Q101 qualified
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
1.54
2.20
2.86
k
R2/R1
bias resistor ratio
17
21
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com