Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB13 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMB13
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMB13 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMB13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMB13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PEMB13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PEMB13 NXP-PEMB13 Datasheet
143Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
PEMB13_PUMB13 PHILIPS-PEMB13_PUMB13_15 Datasheet
626Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 4-7 December 2011
More results

Similar Description - PEMB13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB13_PUMB13 PHILIPS-PEMB13_PUMB13_15 Datasheet
626Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 4-7 December 2011
PEMB15_PUMB15 PHILIPS-PEMB15_PUMB15_15 Datasheet
621Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
PEMD13_PUMD13 PHILIPS-PEMD13_PUMD13_15 Datasheet
958Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 3-7 December 2011
PEMB2_PUMB2 PHILIPS-PEMB2_PUMB2_15 Datasheet
628Kb / 14P
PNP/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 3-17 November 2011
logo
Nexperia B.V. All right...
PEMB2 NEXPERIA-PEMB2 Datasheet
627Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 3 - 17 November 2011
PEMB15 NEXPERIA-PEMB15 Datasheet
916Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
PDTA143E_SER NEXPERIA-PDTA143E_SER Datasheet
1Mb / 17P
PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
PDTA143Z_SER NEXPERIA-PDTA143Z_SER Datasheet
1Mb / 17P
PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
PDTA144E_SER NEXPERIA-PDTA144E_SER Datasheet
1Mb / 17P
PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com