Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB9 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PEMB9
Description  50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMB9 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PEMB9 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMB9 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Nexperia
PEMB9
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
-50
V
VCEO
collector-emitter voltage open base
-
-50
V
VEBO
emitter-base voltage
open collector
-
-6
V
positive
-
6
V
VI
input voltage
negative
-
-40
V
IO
output current
-
-100
mA
ICM
peak collector current
tp ≤ 1 ms; single pulse
-
-100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] [2]
-
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] [2]
-
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 35 μm copper, tin-plated and standard footprint.
[2] Reflow soldering is the only recommended soldering method.
Tamb (°C)
-75
175
125
25
75
-25
006aac749
200
100
300
400
Ptot
(mW)
0
FR4 PCB, single-sided, 35 μm copper, tin-plated and standard footprint
Fig. 1. Per device: Power derating curve
PEMB9
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
28 December 2022
3 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com