Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C528FFB Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P83C528FFB
Description  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528FFB Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P83C528FFB Datasheet HTML 15Page - NXP Semiconductors P83C528FFB Datasheet HTML 16Page - NXP Semiconductors P83C528FFB Datasheet HTML 17Page - NXP Semiconductors P83C528FFB Datasheet HTML 18Page - NXP Semiconductors P83C528FFB Datasheet HTML 19Page - NXP Semiconductors P83C528FFB Datasheet HTML 20Page - NXP Semiconductors P83C528FFB Datasheet HTML 21Page - NXP Semiconductors P83C528FFB Datasheet HTML 22Page - NXP Semiconductors P83C528FFB Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
19
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 9. IDD Test Condition, Active Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 10. IDD Test Condition, Idle Mode
All other pins are disconnected
P1.6
P1.7
*
*
P1.6
P1.7
*
*
EA
VDD–0.5
0.45V
0.7VDD
0.2VDD–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
Figure 11. Clock Signal Waveform for
IDD Tests in Active and Idle Modes
tCLCH = tCHCL = 5ns
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
Figure 12. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD = 2V to 5.5V
P1.6
P1.7
*
*
EA
NOTE:
*
Ports 1.6 and 1.6 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins does not
exceed the IOL1 specifications.
Purchase of Philips I2C components conveys a license under the Philips’ I2C patent
to use the components in the I2C system provided the system conforms to the
I2C specifications defined by Philips. This specification can be ordered using the
code 9398 393 40011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com