Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG1401 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CCG1401
Description  Programmable Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CCG1401 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CCG1401 Datasheet HTML 9Page - Renesas Technology Corp CCG1401 Datasheet HTML 10Page - Renesas Technology Corp CCG1401 Datasheet HTML 11Page - Renesas Technology Corp CCG1401 Datasheet HTML 12Page - Renesas Technology Corp CCG1401 Datasheet HTML 13Page - Renesas Technology Corp CCG1401 Datasheet HTML 14Page - Renesas Technology Corp CCG1401 Datasheet HTML 15Page - Renesas Technology Corp CCG1401 Datasheet HTML 16Page - Renesas Technology Corp CCG1401 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CCG1401 Datasheet
Feb 28, 2022
Page 13
7. FUNCTION DESCRIPTION
SPI and Digital Control
A synchronous serial interface receives data from an external controller via DIO, CLK and CSX. This interface
consists of a 10-bit shift register, 2-bit header and 8 bit data. Each positive slope at CLK shifts the value at DIO
into the shift register. With a positive slope at CSX the 8 data bits of the shift register are transferred to the address
register or a parameter register depending on the value of the header. A data package with header “00” selects a
parameter register. Following data packages with
header “01” are intended for the previously selected register.
To read out the registers content, the header needs to be “10”. DIO changes then its functionality from input to
output and DIO pin has to be released. Data can be shifted out with the positive edge of CLK. Sampling of data
should occur on the negative edge. Maximum frequency when reading is 50 kHz. The output data starts with the
register content at address 0, followed by the one at address 1 and ends with the content of register 4. After
transfer of the last bit, when CSX goes high, DIO changes its functionality back to input behavior. The DIO-
behavior is visualized by the internal signal DOUT_EN in the timing diagram. Standby modus of analog circuitry
can be selected by register (see 0) and alternatively by setting CSX=High and CLK=High. The SPI is not affected
by standby operation. The comparator threshold can be controlled by register content and setting DIO=High for
using the register SREF1 (see 5.4.4) or setting DIO=Low for using register SREF2 (see 5.4.5). Take into
consideration that this mechanism does not work during an SPI-transfer.
SPI Timing
Figure 4: Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com