Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C528FHA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P83C528FHA
Description  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528FHA Datasheet(HTML) 2 Page - NXP Semiconductors

  P83C528FHA Datasheet HTML 1Page - NXP Semiconductors P83C528FHA Datasheet HTML 2Page - NXP Semiconductors P83C528FHA Datasheet HTML 3Page - NXP Semiconductors P83C528FHA Datasheet HTML 4Page - NXP Semiconductors P83C528FHA Datasheet HTML 5Page - NXP Semiconductors P83C528FHA Datasheet HTML 6Page - NXP Semiconductors P83C528FHA Datasheet HTML 7Page - NXP Semiconductors P83C528FHA Datasheet HTML 8Page - NXP Semiconductors P83C528FHA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
2
1995 Feb 02
DESCRIPTION
The 8XC528 single-chip 8-bit microcontroller
is manufactured in an advanced CMOS
process and is a derivative of the 80C51
microcontroller family. The 8XC528 has the
same instruction set as the 80C51. Three
versions of the derivative exist:
• 83C528 — 32k bytes mask programmable
ROM
• 80C528 — ROMless version of the
83C528
• 87C528 — 32k bytes EPROM (described
in a separate data sheet)
This device provides architectural
enhancements that make it applicable in a
variety of applications in consumer, telecom
and general control systems, especially in
those systems which need large ROM and
RAM capacity on-chip.
The 8XC528 contains a 32k
× 8 ROM
(83C528), a 512
× 8 RAM, four 8-bit I/O
ports, two 16-bit timer/event counters
(identical to the timers of the 80C51), a 16-bit
timer (identical to the timer 2 of the 80C52), a
watchdog timer with a separate oscillator, a
multi-source, two-priority-level, nested
interrupt structure, two serial interfaces
(UART and I2C-bus), and on-chip oscillator
and timing circuits.
In addition, the 8XC528 has two software
selectable modes of power reduction — idle
mode and power-down mode. The idle mode
freezes the CPU while allowing the RAM,
timers, serial port, and interrupt system to
continue functioning. The power-down mode
saves the RAM contents but freezes the
oscillator, causing all other chip functions to
be inoperative.
FEATURES
• 80C51 instruction set
– 32k
× 8 ROM (83C528)
– ROMless (80C528)
– 512
× 8 RAM
– Memory addressing capability
64k ROM and 64k RAM
– Three 16-bit counter/timers
– On-chip watchdog timer with oscillator
– Full duplex UART
– I2C serial interface
– Four 8-bit I/O ports
• Power control modes:
– Idle mode
– Power-down mode
– Warm start from power-down
• CMOS and TTL compatible
• Extended temperature ranges
• ROM code protection
• 7-source and 7-vector interrupt structure
with 2 priority levels
• Up to 3 external interrupt request inputs
• Two programmable power reduction modes
(Idle and Power-down)
• Termination of Idle mode by any interrupt,
external or WDT (watchdog) reset
• XTAL frequency range: 1.2 MHz to 16 MHz
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
P1.5
SCL/P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
SDA/P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE
EA
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VDD
DUAL
IN-LINE
PACKAGE
QUAD
FLAT
PACK
44
34
1
11
33
23
12
22
LEADED
CHIP
CARRIER
6
1
40
7
17
39
29
18
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
P1.5
SCL/P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
SDA/P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE
EA
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VDD
SHRINK
DUAL
IN-LINE
PACKAGE
21
22
VSS
P2.0/A8
NC*
NC*
* DO NOT CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com