Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6012 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AM6012
Description  12-Bit multiplying D/A converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AM6012 Datasheet(HTML) 2 Page - NXP Semiconductors

  AM6012 Datasheet HTML 1Page - NXP Semiconductors AM6012 Datasheet HTML 2Page - NXP Semiconductors AM6012 Datasheet HTML 3Page - NXP Semiconductors AM6012 Datasheet HTML 4Page - NXP Semiconductors AM6012 Datasheet HTML 5Page - NXP Semiconductors AM6012 Datasheet HTML 6Page - NXP Semiconductors AM6012 Datasheet HTML 7Page - NXP Semiconductors AM6012 Datasheet HTML 8Page - NXP Semiconductors AM6012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors Linear Products
Product specification
AM6012
12-Bit multiplying D/A converter
August 31, 1994
777
BLOCK DIAGRAM
COMP
V(–)
16
17
VREF (+)
VREF (–)
14
15
BIAS
NETWORK
REFERENCE
AMPLIFIER
9-SEGMENT
GENERATOR
DECODER
CURRENT
SWITCHES
ISEG
9-BIT R-2R
D/A CONVERTER
LOGIC SWITCHES
18
19
IO
IO
12
11
10
9
8
7
6
5
4
3
2
1
13
LSB
GND/MSB
20
V(+)
VLC
B12
B11
B10
B9
b8
B7
B6
B5
B4
B3
B2
B1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating temperature
AM6012F
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature 10sec max
300
°C
VS
Power supply voltage
±18
V
Logic inputs
-5V to +18
V
Voltage across current outputs
-8V to +12
V
VREF
Reference inputs V14, V15
V- to V+
VREF
Reference input differential voltage (V14 to V15)
±18
V
IREF
Reference input current (I14)
1.25
mA
PD
Maximum power dissipation, TA=25°C, (still-air)1
F package
1560
mW
D package
1390
mW
NOTES:
1. Derate above 25
°C, at the following rate:
F package at 12.5mW/
°C
D package at 11.1mW/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com