Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ADC0803LCD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0803LCD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ADC0803LCD Datasheet HTML 7Page - NXP Semiconductors ADC0803LCD Datasheet HTML 8Page - NXP Semiconductors ADC0803LCD Datasheet HTML 9Page - NXP Semiconductors ADC0803LCD Datasheet HTML 10Page - NXP Semiconductors ADC0803LCD Datasheet HTML 11Page - NXP Semiconductors ADC0803LCD Datasheet HTML 12Page - NXP Semiconductors ADC0803LCD Datasheet HTML 13Page - NXP Semiconductors ADC0803LCD Datasheet HTML 14Page - NXP Semiconductors ADC0803LCD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
11
NOTE:
The VREF/2 voltage is either 1/2 the VCC voltage or is that which is forced at Pin 9.
VREF/2
VCC
20
VREF
R
R
DIGITAL
CIRCUITS
ANALOG
CIRCUITS
810
9
SL00021
Figure 6. Internal Reference Design
(5V)
VREF
FS
OFFSET
ADJUST
ZS
OFFSET
ADJUST
330
Ω
0.1
µF
TO VREF/2
TO VIN(–)
+
–
SL00022
Figure 7. Offsetting the Zero Scale and Adjusting the Input
Range (Span)
VOLTAGE
REFERENCE
VREF/2
a. Fixed Reference
b. Fixed Reference Derived from VCC
c. Optional Full
Scale Adjustment
VIN(+)
VIN(–)
VCC
+5V
+
VREF/2
10
µF
A/D
A/D
VIN(+)
VIN(–)
VCC
VREF/2
+
10
µF
+5V
+5V
2 k
Ω
100
Ω
SL00023
2 k
Ω
2 k
Ω
2 k
Ω
Figure 8. Absolute Mode of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com