Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6012D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AM6012D
Description  12-Bit multiplying D/A converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AM6012D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AM6012D Datasheet HTML 3Page - NXP Semiconductors AM6012D Datasheet HTML 4Page - NXP Semiconductors AM6012D Datasheet HTML 5Page - NXP Semiconductors AM6012D Datasheet HTML 6Page - NXP Semiconductors AM6012D Datasheet HTML 7Page - NXP Semiconductors AM6012D Datasheet HTML 8Page - NXP Semiconductors AM6012D Datasheet HTML 9Page - NXP Semiconductors AM6012D Datasheet HTML 10Page - NXP Semiconductors AM6012D Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors Linear Products
Product specification
AM6012
12-Bit multiplying D/A converter
August 31, 1994
783
Figure 3. Interfacing Circuits for ECL, CMOS, HTL Logic Inputs
NOTE:
1. Set the voltage ‘A’ to the desired logic input switching threshold.
2. Allowable range of logic threshold is typically –5V to +13.5V when operating the DAC on
±15V supplies.
V+
“A”
TO PIN 13
2N3904
2N3904
400
µA
20k
Ω
20k
Ω
3k
Ω
VLC
R
–5.2V
“A”
TO PIN 13
2N3904
2N3904
6.2k
Ω
13k
Ω
39k
Ω
3k
Ω
VLC
CMOS, HTL
ECL
ACCOMMODATING BIPOLAR REFERENCE
NOTE:
VREF(+) Must be above peak positive swing of VIN.
NOTE:
IREF > Peak negative swing of IIN.
VREF(+)
RREF
RIN
AM6012
14
15
18
19
VIN
IIN
IREF
IO
IO
IREF > PEAK NEGATIVE SWING OF IIN
14
15
18
19
AM6012
IO
IO
VIN
RREF = R15
VREF(+) RREF
R15
(OPTIONAL)
HIGH INPUT
IMPEDANCE
VREF MUST BE ABOVE PEAK POSITIVE SWING OF VIN
BASIC NEGATIVE REFERENCE OPERATION
NOTE:
I
FS [
V
REF(
* )
R
REF
x 4
RREF sets IFS; R15 is for a bias current cancellation.
14
15
18
19
R15
AM6012
IO
IO
VREF(–)
RREF
RECOMMENDED FULL-SCALE ADJUSTMENT
CIRCUIT
VREF+ MUST BE ABOVE PEAK POSITIVE SWING OF VIN
14
15
18
19
R15
(OPTIONAL)
HIGH INPUT
IMPEDANCE
AM6012
IO
IO
VIN
RREF = R15
VREF(+) RREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com