Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM310 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM310
Description  S-11 Double Contact Bayonet Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM310 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM310 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S-11 Double Contact Bayonet Base
T-3/4 Wire Terminal
T-3/4 Micro-Midget Flange Base
C-6
C-2V
C-2V
400
300
300
32.0
32.0
50.0
4.50
.90
1.29
6.2
28.0
28.0
C M312
C M310
C M1724
Type
F ilament
Hours
Life
MS C P
Amps
Voltage
Des ign
Number
Part
C M6833
C M7102
C M7133
C M7153
C M8537
C M8666
5.0
5.0
5.0
5.0
5.0
5.0
.080
.015
.115
.075
.115
.060
.150
.020
.150
.090
.200
.050
15,000
1,000
40,000
25,000
5,000
25,000
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
5,000
5,000
5,000
5,000
10,000
3,000
60,000
.010
.020
.020
.020
.030
.150
.030
.015
.021
.021
.022
.021
.060
.060
1.5
4.5
4.5
4.5
5.0
5.0
5.0
C M6803
C M6153
CM2
C M3102
CM30
CM28
C M7101
Type
F ilament
Hours
Life
MS C P
Amps
Voltage
Des ign
Number
Part
C-6
C-6
C-2R
C-2
10,000
5,000
10,000
3,000
.003
.010
.001
.150
.015
.015
.110
.060
1.5
1.5
2.5
5.0
C M6183
C M7121
C M3811
C M3810
Type
F ilament
Hours
Life
MS C P
Amps
Voltage
Des ign
Number
Part
C-2R
C-2R
C-2R
10,000
5,000
40,000
.030
.200
.150
.021
.115
.115
5.0
5.0
5.0
C M8270
C M7123
CM7122
MIN.
1.00
MAX .
.187
MAX .
.094
Ø.126 MAX .
Ø. 094 MAX .
.300
MAX .
MAX .
2.38
MAX .
1.42
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM310

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM310 VCC-CM310 Datasheet
32Kb / 1P
Contact Bayonet Base Wire Terminal
logo
Campbell Scientific Uni...
CM310 CAMPBELL-CM310 Datasheet
291Kb / 2P
Hydrological Services Tipping Bucket Rain Gages
January 2011
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Visual Communications C...
CM3102 VCC-CM3102 Datasheet
32Kb / 1P
Contact Bayonet Base Wire Terminal
logo
California Micro Device...
CM3102-12SO CALMIRCO-CM3102-12SO Datasheet
236Kb / 9P
Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
More results

Similar Description - CM310

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1459 CML-CM1459 Datasheet
22Kb / 1P
S-8 Single Contact Bayonet Base
CM354 CML-CM354 Datasheet
222Kb / 1P
B-6 Double Contact Bayonet Base
CM1183 CML-CM1183 Datasheet
218Kb / 1P
RP-11 Single Contact Bayonet Base
CM1228 CML-CM1228 Datasheet
220Kb / 1P
S-8 Double Contact Bayonet Base
CM1584 CML-CM1584 Datasheet
218Kb / 1P
S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM210 VCC-CM210 Datasheet
27Kb / 1P
Double Contact Bayonet Base
CM1183 VCC-CM1183 Datasheet
32Kb / 1P
Contact Bayonet Base
CM1228 VCC-CM1228 Datasheet
33Kb / 1P
Contact Bayonet Base
CM1384 VCC-CM1384 Datasheet
28Kb / 1P
Contact Bayonet Base
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
Double Contact Bayonet Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com