Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC8201 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC8201
Description  DUAL BAND WIRELESS LAN BASEBAND PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC8201 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC8201 Datasheet HTML 1Page - STMicroelectronics STLC8201 Datasheet HTML 2Page - STMicroelectronics STLC8201 Datasheet HTML 3Page - STMicroelectronics STLC8201 Datasheet HTML 4Page - STMicroelectronics STLC8201 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STLC8201
October 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
FEATURES
Tri Mode 802.11a, 802.11g and 802.11b
compliant.
AgileRF allows fully automated roaming
between different modes.
Implements data rates of 6, 9, 12, 18, 24, 36, 48
and 54 Mbps in 802.11a and 802.11g modes,
using an advanced OFDM processor with
channel equalizer.
Implements data rates of 1, 2, 5.5 and 11 Mbps
in 802.11b mode, using advanced RAKE and
decision feedback equalization.
Improved PA efficiency using digital pre-
distortion linearization and active bias control.
Gain and Phase imbalance correction improves
Rx sensitivity.
Supports receive antenna diversity for both
bands
Supports 802.11b short preamble.
On-chip 10 bit ADC and DAC converters for I/Q
data.
On-chip 10 bit DAC for analog AGC control.
On-chip 10 bit DACs to support DC offset
correction in Zero-IF systems.
On-chip 10 bit DAC, and dedicated I/O to
provide transmit power control (TPC).
On-chip general purpose 10 bit ADC for power
supply monitoring, PA output power monitoring
or temperature sense.
Hardware assisted 40 and 128 bit WEP and
WEP2 (TKIP) engine. Hardware assisted AES
encryption.
A low frequency standby clock and advanced
power management extend battery life in
portable equipment.
Powerful 32 bit CPU and protocol accelerator
implement the MAC functionality.
On-chip system memory removes the need for
external FLASH or SRAM reducing complexity
and cost.
Firmware is loaded from the host processor
allowing automated software upgrade.
Supports UART, Cardbus32 and MiniPCI
interfaces to host processor.
Serial EEPROM memory interface to hold PCI/
CardBus32 configuration.
JTAG interface for manufacturing test,
Software drivers for Microsoft Windows 2000™,
Windows XP™, Win98/Me.
2
APPLICATIONS
Cardbus32 card wireless LAN adapters,
MiniPCI card wireless LAN adapters,
Wireless LAN access points and bridges.
3
DESCRIPTION
The STMicroelectronics STLC8201 wireless LAN
baseband processor is an integrated Medium Ac-
cess Controller and Physical Layer Processor. It
is designed to directly interface with STMicroelec-
tronics's STLC8100 RF transceiver, and with 3rd
party power amplifiers to provide a complete wire-
less LAN solution compliant with IEEE802.11b,
IEEE802.11g and IEEE802.11a.
The STLC8201 includes a unique technology to
deliver dual band multi-mode Access Point with
band interleaving. This allows supporting clients in
both bands without duplicating baseband or RF
functionality.
Powerful security features include WEP, WPA,
WPA2 and AES encryption engines along with
support for 802.1x authentication protocols.
High quality multimedia streaming is enabled with
Quality of Service (QoS) protocols supported by
DATA BRIEF
DUAL BAND WIRELESS LAN
BASEBAND PROCESSOR
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
Temp. range
STLC8201
LBGA256
0 to 70°C
LBGA256 (17x17x1.7mm)


Similar Part No. - STLC8201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
DUAL BAND WIRELESS LAN RF TRANSCEIVER
Oct-2004
More results

Similar Description - STLC8201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
Wireless LAN Baseband Controller
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
February 2001
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
DUAL BAND WIRELESS LAN RF TRANSCEIVER
Oct-2004
logo
Intersil Corporation
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
April 2002
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
September 2001
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
March 2003
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
March 2003
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
July 2003
logo
Skyworks Solutions Inc.
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com