Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C52 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 80C52
Description  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 9Page - NXP Semiconductors 80C52 Datasheet HTML 10Page - NXP Semiconductors 80C52 Datasheet HTML 11Page - NXP Semiconductors 80C52 Datasheet HTML 12Page - NXP Semiconductors 80C52 Datasheet HTML 13Page - NXP Semiconductors 80C52 Datasheet HTML 14Page - NXP Semiconductors 80C52 Datasheet HTML 15Page - NXP Semiconductors 80C52 Datasheet HTML 16Page - NXP Semiconductors 80C52 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
13
DC ELECTRICAL CHARACTERISTICS (Continued)
Tamb = 0°C to +70°C (VDD = 5V ±20%), –40°C to +85°C (VDD = 5V ±20%), or –40°C to +125°C (VDD = 5V ±10%), VSS=0V
TEST
LIMITS
SYMBOL
PARAMETER
PART TYPE
CONDITIONS
MIN
MAX
UNIT
IIL1
Input leakage current, port 0, EA
0.45<Vi<VDD
±10
µA
IIL2
Input leakage current, P1.6/SCL, P1.7/SDA
0V<Vi<6.0V
0V<VDD<6.0V
±10
µA
µA
IDD
Power supply current:
See notes 6, 7
Active mode
35
mA
Idle mode
6
mA
Power down mode
Power down mode
–40
°C to +125°C
100
150
µA
µA
RRST
Internal reset pull-down resistor
50
150
k
Ω
CIO
Capacitance of I/O buffer
Freq.=1MHz
Tamb = 25°C
10
pF
NOTES:
1. Capacitive loading on Port 0 and Port 2 may cause spurious noise pulses to be superimposed on the LOW level ouput voltage of ALE, Port
1 and Port 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make a 1-to-0
transition during bus operations. In the worst cases (capacitive loading > 100pF), the noise pulse on the ALE line may exceed 0.8V. In such
cases it may be desirable to qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
2. Capacitive loading on Port 0 and Port 2 may cause the HIGH level output voltage on ALE and PSEN to momentarily fall below the 0.9VDD
specification when the address bits are stabilizing.
3. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so a voltage below 0.3VDD will be recognized as a logic 0
while an input above 0.7VDD will be recognized as a logic 1.
4. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
10mA
Maximum IOL per 8–bit port: –
Port 0:
26mA
Ports 1, 2, & 3:
15mA
Maximum total IOL for all output pins:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
5. Pins of ports 1, 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
6. See Figures 9 through 12 for IDD test conditions.
7. IDDMAX at other frequencies can be derived from the figure below, where FREQ is the external oscillator frequency in MHz.
IDDMAX is given in mA.
35
30
25
20
15
10
5
0
MAX ACTIVE MODE
TYP ACTIVE MODE
MAX IDLE MODE
TYP IDLE MODE
IDD vs. FREQUENCY
FREQ. AT XTAL1 (MHz)
4
8
12
16
VALID ONLY WITHIN FREQUENCY SPECIFICATIONS OF DEVICE UNDER TEST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com