Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA277 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA277
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA277 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA277 Datasheet HTML 1Page - NXP Semiconductors BA277 Datasheet HTML 2Page - NXP Semiconductors BA277 Datasheet HTML 3Page - NXP Semiconductors BA277 Datasheet HTML 4Page - NXP Semiconductors BA277 Datasheet HTML 5Page - NXP Semiconductors BA277 Datasheet HTML 6Page - NXP Semiconductors BA277 Datasheet HTML 7Page - NXP Semiconductors BA277 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 May 06
2
Philips Semiconductors
Product specification
Band-switching diode
BA277
FEATURES
• Small plastic SMD package
• Continuous reverse voltage: max. 35 V
• Continuous forward current: max. 100 mA
• Low diode capacitance: max. 1.2 pF
• Low diode forward resistance: max. 0.7 Ω.
APPLICATIONS
• Low loss band switching in VHF television tuners.
• Surface mount band-switching circuits.
DESCRIPTION
Planar high performance band-switching diode in a small
plastic SOD523 (SC-79) SMD package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1
Simplified outline (SOD523; SC-79)
and symbol.
Marking code: 1.
handbook, halfpage
12


Top view
MAM399
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
35
V
IF
continuous forward current
−
100
mA
Ptot
total power dissipation
Ts =90 °C
−
715
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF =10mA
1
V
IR
reverse current
VR = 25 V
50
nA
VR = 20 V; Tamb =75 °C1
µA
Cd
diode capacitance
f = 1 MHz; VR = 6 V; note 1; see Fig.2
1.2
pF
rD
diode forward resistance
IF = 2 mA; f = 100 MHz; note 1; see Fig.3
0.7
Ω
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering-point
85
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com