Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMTT112 Datasheet(PDF) 1 Page - Belden Inc.

Part # GMTT112
Description  Outdoor Tactical tight buffered (core bonded design) PUR jacket 12f MM OM1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GMTT112 Datasheet(HTML) 1 Page - Belden Inc.

  GMTT112 Datasheet HTML 1Page - Belden Inc. GMTT112 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GMTT112
Outdoor Tactical tight buffered (core bonded design) PUR jacket 12f MM OM1.
Product Description
Outdoor Tactical tight buffered optical fiber cable with core bonded design with Polyurethane (PUR) outer jacket. 12 fibers MM OM1.
Technical Specifications
Product Overview
Construction Type:
Tactical
Environmental Space:
Indoor/Outdoor
Suitable Applications:
For outdoor and indoor use. These metal-free mobile cables have been designed for de-spooling and re-spooling repeatedly. Support all computer network applications such as
FDDI, Gigabit Ethernet and ATM Easy to install. Not Recommended for direct burial. Core-bonded Polyurethane jacket providing simple installation.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM1
12
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White, Red, Black, Yellow, Violet, Pink, Aqua
Buffer Specification
Fiber Type Buffer Construction Buffer Material Buffer Diameter
OM1
Tight
Nylon
0.9 mm
Cable Core Water Tight:
Yes
Cable Core
Waterblocking:
Waterblocking Aramid Yarns
Bulk Cable Weight:
60 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color Nominal Diameter Ripcord
PUR - Polyurethane Black
8.2 mm
Yes
Optical Characteristics
Max. Attenuation at 1300
nm:
0.9 dB/km
Max. Attenuation at 850
nm:
3.4 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Installation (Short Term)
IEC 60794-1-21-E6
43.2 mm


Similar Part No. - GMTT112

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMTT116 BELDEN-GMTT116 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 16f MM OM1.
12-14-2023
More results

Similar Description - GMTT112

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMTT102 BELDEN-GMTT102 Datasheet
140Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 2f MM OM1.
01-20-2023
GMTT104 BELDEN-GMTT104 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 4f MM OM1.
01-20-2023
GMTT108 BELDEN-GMTT108 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 8f MM OM1.
01-20-2023
GMTT204 BELDEN-GMTT204 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 4f MM OM2.
01-20-2023
GMTT208 BELDEN-GMTT208 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 8f MM OM2.
01-20-2023
GMTT212 BELDEN-GMTT212 Datasheet
141Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 12f MM OM2.
01-20-2023
GMTTD06 BELDEN-GMTTD06 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 6f MM OM3.
01-20-2023
GMTTD12 BELDEN-GMTTD12 Datasheet
142Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 12f MM OM3.
01-20-2023
GMTTE06 BELDEN-GMTTE06 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 6f MM OM4.
01-20-2023
GMTTE12 BELDEN-GMTTE12 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 12f MM OM4.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com