Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91730 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS91730
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91730 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS91730 Datasheet HTML 3Page - Integrated Circuit Systems ICS91730 Datasheet HTML 4Page - Integrated Circuit Systems ICS91730 Datasheet HTML 5Page - Integrated Circuit Systems ICS91730 Datasheet HTML 6Page - Integrated Circuit Systems ICS91730 Datasheet HTML 7Page - Integrated Circuit Systems ICS91730 Datasheet HTML 8Page - Integrated Circuit Systems ICS91730 Datasheet HTML 9Page - Integrated Circuit Systems ICS91730 Datasheet HTML 10Page - Integrated Circuit Systems ICS91730 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
ICS91730
0794D—05/23/05
Electrical Characteristics - CLKOUT
TA = 0 - 85°C; VDD = 3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH3
IOH = -1 mA
2.4
V
Output Low Voltage
VOL3
IOL = 1 mA
0.4
Rise Time
tr3
VOL = 0.41V, VOH = 0.86V
0.5
0.6
1
ns
Fall Time
tf3
VOH = 0.86V VOL = 0.41V
0.5
0.6
1
ns
Duty Cycle
dt3
measurement from differential wavefrom -
0.35V to +035V
45
50
55
%
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50%
50
150
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - REF
TA = 0 - 85°C; VDD = 3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
48
60
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
29
27
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
1.2
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
1.2
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
51
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
105
300
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com