Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16003CCCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16003CCCZ Datasheet HTML 1Page - Analog Devices ADIS16003CCCZ Datasheet HTML 2Page - Analog Devices ADIS16003CCCZ Datasheet HTML 3Page - Analog Devices ADIS16003CCCZ Datasheet HTML 4Page - Analog Devices ADIS16003CCCZ Datasheet HTML 5Page - Analog Devices ADIS16003CCCZ Datasheet HTML 6Page - Analog Devices ADIS16003CCCZ Datasheet HTML 7Page - Analog Devices ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADIS16003
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = –40°C to +125°C, VCC = 5 V, CX, CY = 0 μF, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications are
guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
ACCELEROMETER SENSOR INPUT
Each axis
Measurement Range1
±1.7
g
Nonlinearity
% of full scale
±0.5
±2.5
%
Package Alignment Error
±1.5
degrees
Alignment Error
X sensor to Y sensor
±0.1
degrees
Cross Axis Sensitivity
±2
±5
%
ACCELEROMETER SENSITIVITY
Each axis
Sensitivity at XFILT, YFILT
769
820
885
LSB/g
Sensitivity Change due to Temperature2
Delta from 25°C
±8
LSB
ZERO g BIAS LEVEL
Each axis
0 g Voltage at XFILT, YFILT
1905
2048
2190
LSB
0 g Offset vs. Temperature
±0.14
LSB/°C
ACCELEROMETER NOISE PERFORMANCE
Noise Density
@25°C
110
μg/√Hz rms
ACCELEROMETER FREQUENCY RESPONSE3
CX, CY Range4
0
10
μF
RFILT Tolerance
24
32
40
kΩ
Sensor Resonant Frequency
5.5
kHz
ACCELEROMETER SELF-TEST
Logic Input Low
0.2 × VCC
V
Logic Input High
0.8 × VCC
V
ST Input Resistance to COM
30
50
kΩ
Output Change at XOUT, YOUT
T
5
Self-Test 0 to Self-Test 1
323
614
904
LSB
TEMPERATURE SENSOR
Accuracy
VCC = 3 V to 5.25 V
±2
°C
Resolution
10
Bits
Update Rate
400
μs
Temperature Conversion Time
25
μs
DIGITAL INPUT
Input High Voltage (VINH)
VCC = 4.75 V to 5.25 V
2.4
V
VCC = 3.0 V to 3.6 V
2.1
V
Input Low Voltage (VINL)
VCC = 3.0 V to 5.25 V
0.8
V
Input Current
VIN = 0 V or VCC
-10
1
10
μA
Input Capacitance
10
pF
DIGITAL OUTPUT
Output High Voltage (VOH)
ISOURCE = 200 μA,
VCC = 3.0 V to 5.25 V
VCC – 0.5
V
Output Low Voltage (VOL)
ISINK = 200 μA
0.4
V
POWER SUPPLY
Operating Voltage Range
3.0
5.25
V
Quiescent Supply Current
FSCLK = 50 kSPS
1.5
2.0
mA
Power Down Current
1.0
mA
Turn-On Time6
Cx, Cy = 0.1 μF
20
Ms
1 Guaranteed by measurement of initial offset and sensitivity.
2 Defined as the output change from ambient to maximum temperature or ambient to minimum temperature.
3 Actual bandwidth response controlled by user-supplied external capacitor (Cx, Cy).
4 Bandwidth = 1/(2π x 32 kΩ x (2200 pF + C)). For Cx, Cy = 0, bandwidth = 2260 Hz. For Cx, Cy = 10 μF, bandwidth = 0.5 Hz. Min/max values not tested.
5 Self-test response changes as the square of Vcc.
6 Larger values of Cx, Cy increase turn-on time. Turn-on time is approximately 160 x (0.0022 μF + Cx + Cy) + 4 ms, where Cx, Cy are in μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com