Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD93-21 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMD93-21
Description  SMT LEDs Tape and reel packaged for high-speed autoinsertion.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMD93-21 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMD93-21 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
CMD93-21 & 22 Series SMT LEDs
EL ECTRO-OP TIC A L C H A R A CTERISTICS
A B SOL UTE M A XIMUM R A T INGS
Green
Yellow
Red
Units
Power Dissipation...................................................105.......................105....................100..........................mW
Storage Temperature.........................................-25 to +90.............-25 to +90..........-25 to +90........................°C
Operating Temperature......................................-25 to +80.............-25 to +80..........-25 to +80........................°C
Peak Forward Current (1
µs @ 10% duty cycle)...........150.......................150...................150............................mA
Reverse Voltage (IR=100
µA)....................................5.0........................5.0....................5.0..............................V
Lead Solder Time @ 260°C.......................................10..........................5.......................5......................Seconds
Forward Current......................................................25.........................30.....................30............................mA
Surface Mount Technology
• Tape and reel packaged for high-speed
autoinsertion.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• 93-21 2000 pieces per reel
• 93-22 1000 pieces per reel
Leading Edge LED Optoelectronic Performance
• Consistent high brightness.
• Bi-color available.
• Gull wing lead form.
Exceptional Reliability
• Stringent process controls assure quality.
• Extensive qualification testing to meet
strictest requirements.
• Designed to permit easy post-reflow solder
joint inspection.
0.40
0.12
±0.07
0.26
1.50
±0.10
0.40
3.00
±0.10
4.60
±0.10
ANODE
0.29
1.80
0.12
±0.07
0.50
4.50
±0.10
2.70
±0.10
3.40
±0.10
1.50
±0.10
CMD93-22
CMD93-21
VG,VY,VR
SR
SR
VG,UG
VG
VR
All dimensions in mm.
Part Number
Color
Emitted
Luminous Intens ity Forward V oltage
(nm)
Wavelength
Peak
(mA)
Current
Rated
(mcd)
Min.
(mcd)
Typ.
(V )
Typ.
(V )
Max.
C MD93-21V G C /T R 8
C MD93-21V Y C /T R 8
C MD93-21V R C /T R 8
C MD93-21S R C /T R 8
C MD93-22V G C /T R 8
C MD93-22S R V G C /T R 8
CMD93-22S R UG C/T R 8
Green
Yellow
Red
Red
Red
Green
Red
Green
Red
Green
15.0
7.0
7.0
25.0
7.0
12.0
24.0
12.0
24.0
13.5
25.0
12.0
12.0
40.0
12.0
20.0
40.0
20.0
40.0
20.0
20
20
20
20
20
20
20
20
20
20
2.1
2.0
2.0
1.7
2.0
2.1
1.7
2.1
1.7
2.1
2.8
2.8
2.8
2.4
2.8
2.8
2.4
2.8
2.4
2.8
570
585
640
660
640
570
660
570
660
565
Lens
Color
Clear
Clear
Clear
Clear
Clear
Clear
Clear
Clear
Clear
Clear
Package
Type
Single
Single
Single
Single
Dual
Dual
Dual
Dual
Dual
Dual
(degrees )
Angle
View
130
130
130
130
125
125
125
125
125
125
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CMD93-21

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMD93-21 VCC-CMD93-21 Datasheet
646Kb / 1P
SMT LEDs
CMD93-21SRC VCC-CMD93-21SRC Datasheet
646Kb / 1P
SMT LEDs
CMD93-21VGC VCC-CMD93-21VGC Datasheet
646Kb / 1P
SMT LEDs
CMD93-21VRC VCC-CMD93-21VRC Datasheet
646Kb / 1P
SMT LEDs
CMD93-21VYC VCC-CMD93-21VYC Datasheet
646Kb / 1P
SMT LEDs
More results

Similar Description - CMD93-21

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD28-21 CML-CMD28-21 Datasheet
69Kb / 1P
SMT LEDs Tape and reel packaged for high-speed autoinsertion.
CMD67-21 CML-CMD67-21 Datasheet
68Kb / 1P
SMT LEDs Tape and reel packaged for high-speed autoinsertion
CMD67-21UWC CML-CMD67-21UWC Datasheet
67Kb / 1P
White SMT LEDs Tape and reel packaged for high-speed autoinsertion.
logo
Harwin Plc
S7191-45R HARWIN-S7191-45R Datasheet
104Kb / 1P
SMT SPRING CONTACT (5.00mm HIGH) IN TAPE AND REEL
S7221-45R HARWIN-S7221-45R Datasheet
119Kb / 1P
SMT SPRING CONTACT (1.23mm HIGH) IN TAPE AND REEL
S7231-45R HARWIN-S7231-45R Datasheet
118Kb / 1P
SMT SPRING CONTACT (1.28mm HIGH) IN TAPE AND REEL
S7241-45R HARWIN-S7241-45R Datasheet
116Kb / 1P
SMT SPRING CONTACT (1.30mm HIGH) IN TAPE AND REEL
S7131-45R HARWIN-S7131-45R Datasheet
106Kb / 1P
SMT SPRING CONTACT IN TAPE AND REEL (2.00mm HIGH)
S7151-45R HARWIN-S7151-45R Datasheet
108Kb / 1P
SMT SPRING CONTACT IN TAPE AND REEL (3.00mm HIGH)
S7161-45R HARWIN-S7161-45R Datasheet
81Kb / 1P
SMT SPRING CONTACT IN TAPE AND REEL (3.50mm HIGH)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com