Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9232 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 32Page - Renesas Technology Corp DA9232 Datasheet HTML 33Page - Renesas Technology Corp DA9232 Datasheet HTML 34Page - Renesas Technology Corp DA9232 Datasheet HTML 35Page - Renesas Technology Corp DA9232 Datasheet HTML 36Page - Renesas Technology Corp DA9232 Datasheet HTML 37Page - Renesas Technology Corp DA9232 Datasheet HTML 38Page - Renesas Technology Corp DA9232 Datasheet HTML 39Page - Renesas Technology Corp DA9232 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
CFR0011-120-00 Rev 5
36 of 50
Field Name
Bits
Type
POR
Description
VIN_UV_EVENT
[6]
evnt
0x0
Under Voltage on VDD event flag. When Under Voltage (UVLO) condition is detected, this bit is set
to 1. When I2C writes '1' to this bit, the event flag is cleared.
OC_BUCK_EVENT
[4]
evnt
0x0
Over Current on BUCK OUT event flag. When the buck Over Current condition is detected (when
BUCK_EN==1 && M_OC_BUCK==0), this bit is set to 1. When I2C writes '1' to this bit, the event flag
is cleared.
OV_BUCK_EVENT
[3]
evnt
0x0
Over Voltage on BUCK OUT event flag. When the buck Over Voltage condition is detected (when
BUCK_EN==1 && M_OV_BUCK==0), this bit is set to 1. When I2C writes '1' to this bit, the event flag
is cleared.
UV_BUCK_EVENT
[2]
evnt
0x0
Under voltage on BUCK OUT event flag. When the under voltage condition (i.e. short circuit) is
detected on the buck (when BUCK_EN==1 && M_UV_BUCK==0), this bit is set to 1. When I2C
writes '1' to this bit, this event flag is cleared.
Table 16: Register STATUS
Address
Register Name
POR Value
Status
0x0002
STATUS
0x00
7
6
5
4
3
2
1
0
Reserved
VIN_UV_STAT
Reserved
OC_BUCK_STAT
OV_BUCK_STAT
UV_BUCK_STAT
Reserved
BUCK_EN_STAT
Field Name
Bits
Type
POR
Description
VIN_UV_STAT
[6]
virtual
0x0
Indicate present VIN under-voltage status.
OC_BUCK_STAT
[4]
virtual
0x0
Indicate present BUCK VOUT over current status.
OV_BUCK_STAT
[3]
virtual
0x0
Indicate present BUCK VOUT over voltage status.
Revision 2.
4
2
8-Feb-2022
© 2022 Renesas Electronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com