Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL1509CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL1509CSZ
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1509CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL1509CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1509CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EL1509
FN7015 Rev 2.00
Page 4 of 10
March 26, 2007
FIGURE 7. DIFFERENTIAL BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 8. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE (ALL
PACKAGES)
FIGURE 9. DIFFERENTIAL PEAKING vs SUPPLY VOLTAGE
FIGURE 10. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE (ALL
PACKAGES)
FIGURE 11. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT VOLTAGE (ALL
PACKAGES)
FIGURE 12. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT (ALL PACKAGES)
Typical Performance Curves
55
51
35
±VS (V)
43
2.5
5
6
34
5.5
3.5
4.5
47
53
49
39
45
41
37
AV=5
RF=1.5k
RL=100
EL1509CL
EL1509CS
-45
-85
-55
-75
-65
-50
VOP-P (V)
14.5
5.5
1.5
2.5
3.5
5
34
-60
-80
-70
2
VS=±2.5V
AV=5
RF=1.5k
RL=100
f=1MHz
HD3
HD2
4
1
-1
-2
±VS (V)
3
0
2.5
6
33.5
4.5
5.5
45
2
AV=5
RF=1.5k
RL=100
EL1509CL
EL1509CS
-45
-90
-60
-80
-85
-70
-50
VOP-P (V)
111
19
35
9
15
7
-65
-75
-55
17
13
VS=±6V
AV=5
RF=1.5k
RL=100
f=1MHz
HD3
HD2
-45
-50
-90
VOP-P (V)
-70
-80
-85
-60
-75
115
21
35
9
19
713
-65
-55
17
11
VS=±2.5V
VS=±6V
AV=5
RF=1.5k
RL=100
f=150kHz
-45
-55
-80
VOP-P (V)
-75
115
19
3
7
11
17
913
-65
-50
-60
-70
5
VS=±2.5V
VS=±6V
AV=5V
RF=1.5k
RL=100
f=1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com