Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4089CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4089CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL4089CS Datasheet HTML 1Page - Renesas Technology Corp EL4089CS Datasheet HTML 2Page - Renesas Technology Corp EL4089CS Datasheet HTML 3Page - Renesas Technology Corp EL4089CS Datasheet HTML 4Page - Renesas Technology Corp EL4089CS Datasheet HTML 5Page - Renesas Technology Corp EL4089CS Datasheet HTML 6Page - Renesas Technology Corp EL4089CS Datasheet HTML 7Page - Renesas Technology Corp EL4089CS Datasheet HTML 8Page - Renesas Technology Corp EL4089CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EL4089
FN7158 Rev.0.00
Page 3 of 9
July 1998
NOTES:
1. Test fixture was designed to minimize capacitance at the IN- input. A “good” fixture should have less than 2pF of stray capacitance to ground at
this very sensitive pin. See application notes for further details.
2. SR measured at 20% to 80% of a 4VPK-PK square wave.
3. DC offset from -0.714V through +0.714V, ac amplitude is 286mVP-P, equivalent to 40 IRE.
Closed-Loop AC Electrical Specifications
Provisional Supplies at ±15V, Load = 150
 and 15pF. RF and RG = 300; AV = 2,
TA = 25°C. (Note 1)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
AMPLIFIER SECTION
SR
Slew Rate (Note 2)
500
V/µs
SR
Slew Rate with ±5V Supplies (Note 2)
275
V/µs
BW
Bandwidth ±5V Supplies
-3dB
60
MHz
-3dB
55
MHz
BW
Bandwidth ±5V Supplies
±0.1dB
25
MHz
±0.1dB
23
MHz
dG
Differential Gain at 3.58MHz (Note 3)
VS = ±15V
0.02
%
VS = ±5V
0.03
%
dPh
Differential Phase at 3.58MHz (Note 3)
VS = ±15V
0.05
°
VS = ±5V
0.06
°
RESTORE SECTION
SR
Restore Amplifier Slew Rate (Test Circuit) 20%--80%
25
V/µs
THE
Time to Enable Hold
25
ns
THD
Time to Disable Hold
40
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com