Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL4331CS
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4331CS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL4331CS Datasheet HTML 2Page - Renesas Technology Corp EL4331CS Datasheet HTML 3Page - Renesas Technology Corp EL4331CS Datasheet HTML 4Page - Renesas Technology Corp EL4331CS Datasheet HTML 5Page - Renesas Technology Corp EL4331CS Datasheet HTML 6Page - Renesas Technology Corp EL4331CS Datasheet HTML 7Page - Renesas Technology Corp EL4331CS Datasheet HTML 8Page - Renesas Technology Corp EL4331CS Datasheet HTML 9Page - Renesas Technology Corp EL4331CS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FN7162 Rev 1.00
Page 10 of 10
May 12, 2004
EL4331
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2003. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Photograph A3 shows the same circuit, with the counter
running at 25MHz. This turns out to be close to the limit of
the TTL counter used in the breadboard, rather than the limit
of the EL4331. Here the different glitches are easily
recognizable - a small glitch for one of the 4 input EL4331s
A/B switching, somewhat larger glitches when two banks
switch together, and the biggest glitch when all three banks
switch. Photograph A4 shows the big glitch in detail. A good
PCB and equal length and matched traces would clean up
these glitches.
Note:
No supply bypass capacitors shown. Only one of
three channels shown.
Figure 4 shows one of the three channels of a component
video, 8:1 multiplexer. In this example, the power-down
capability is used to save on EL4331s, but as can be seen,
the control part does become more complicated. Using the
power-down mode for multiplexing does, of course, slow
down the speed with which one can select a given input
channel. However, if input channel selection can be done
during a blanking period, the couple of microseconds that it
takes to power-down one chip may be no problem. Note that
some external logic is needed in this application, both to
select the appropriate amplifier, and also to force a break-
before-make action by pulling the T_OFF line low. All this
logic would best be incorporated inside a PAL or gate array,
and is shown in gate form just to illustrate the idea. Note that
the BIT0 line would have the 3ns response time, since it is
switching the muxamps directly.
8-to-1 Multiplexer using Power-Down
FIGURE 4. A SIMPLE 8:1 COMPONENT VIDEO
MULTIPLEXER
TABLE 2. CHANNEL SELECTION TABLE
BIT2
BIT1
BIT0
OUTPUT
000
SIG0
001
SIG1
010
SIG2
011
SIG3
100
SIG4
101
SIG5
110
SIG6
111
SIG7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com