Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CS-T7 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL4331CS-T7
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4331CS-T7 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL4331CS-T7 Datasheet HTML 1Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 2Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 3Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 4Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 5Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 6Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 7Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 8Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EL4331
FN7162 Rev 1.00
Page 2 of 10
May 12, 2004
NOTES:
1. Any channel’s A-input to its B-input.
2. There is no short circuit protection on any output.
Absolute Maximum Ratings (TA = 25°C)
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V
VCC to Any GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
VEE to Any GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 45mA
Any Input (except PD) . . . . . . . . . . . . . . . . . VEE-0.3V to VCC+0.3V
PD Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC-7V to VCC+0.3V
Input Current, Any Input. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See curves
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VCC = +5V, VEE = -5V, Ambient Temperature = 25°C, RL = 500, PD = 5V
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
VOS
Input Referred Offset Voltage
-12
30
mV
dVOS
Input A to Input B Offset Voltage (Note 1)
1
8
mV
IB
Input Bias Current
-7
-30
µA
dIB
Input A to Input B Bias Current (Note 1)
0.5
4.0
µA
AVOL
Open Loop Gain (from Gain Error Calculation)
54
dB
PSRR
Power Supply Rejection Ratio
60
70
dB
VOUT_500
Output Voltage Swing into 500
 Load
±2.7
±3.2
V
VOUT_150
Output Voltage Swing into 150
 Load
+3/-2.7
V
IOUT
Current Output, Measured with 75
 load (Note 2)
30
40
mA
XTALK
Crosstalk from Non-Selected Input (at DC)
-70
-85
dB
VIH
Input Logic High Level (A/B and PD)
2.0
V
VIL
Input Logic Low Level (A/B and PD)
0.8
V
IIL_AB
Logic Low Input Current (VIN = 0.8V), A/B Pin
-1
-20
-100
µA
IIH_AB
Logic High Input Current (VIN = 2.0V), A/B Pin
-5
0
5
µA
IIL_PD
Logic Low Input Current (VIN = 0.8V), PD Pin
-10
0
10
µA
IIH_PD
Logic High Input Current (VIN = 5.0V), PD Pin
0.5
1.0
1.6
mA
IS
Total Supply Current
38
48
60
mA
IS(PD)
Powered Down Supply Current
0.01
1.0
mA
AC Electrical Specifications
VCC = +5V, VEE = -0.5V, Ambient Temperature = 25°C, RL = 150 and CL = 5pF
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth
300
MHz
-3dB BW with 250
 and 10pF Load
400
MHz
SR
Slew Rate (4V Square Wave, Measured 25%–75%)
400
V/µs
TS
Settling Time to 0.1% of Final Value
13
ns
TAB
Time to Switch Inputs
3
ns
OS
Overshoot, VOUT = 4Vpk-pk
8%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com